Electronic Components Datasheet Search
  English  ▼

X  

IP2369 Datasheet(PDF) 6 Page - Injoinic Technology Co.,Ltd.

Part # IP2369
Description  Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2369 Datasheet(HTML) 6 Page - Injoinic Technology Co.,Ltd.

Back Button IP2369 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
IP2369
V1.21
http://www.injoinic.com/
6 / 26
Copyright © 2024, Injoinic Corp.
8
GND
功率地
9
GND
功率地
10
LX2
BAT 端电感连接引脚
11
LX2
BAT 端电感连接引脚
12
BST2
H 桥功率 BAT 端自举电压引脚
13
BAT_P
BAT 端功率引脚
14
BAT_P
BAT 端功率引脚
15
BAT_P
BAT 端功率引脚
16
PCON
BAT 端峰值电流采样引脚
17
CSN2
BAT 端电流采样负端
18
CSP2
BAT 端电流采样正端
19
BAT_P
BAT 端功率引脚
20
LX2
BAT 端电感连接引脚
21
BAT
BAT 端供电引脚
22
AGND
模拟地
23
VCC5V
系统
5V 供电电源,给 IC 内部模拟电路供电
24
VCCIO
系统
3.3V 供电电源,给 IC 内部数字电路供电
25
LED3
灯显
LED3 引脚
26
BAT_NUM
BAT_NUM 设定电池串联数量,接电阻到地
27
I2C_SCL
I2C_SCL 引脚
28
VSET
VSET 设定单串电池充饱电压,接电阻到地
29
I2C_SDA
I2C_SDA 引脚
30
I2C_INT
I2C_INT 引脚
31
PSET
PSET 设定系统充放电最大功率,接电阻到地
32
NTC
NTC 设定保护温度,接 NTC 电阻
33
EN
EN 唤醒引脚,接按键实现开机唤醒和关机
34
CC2
USB C 口检测和快充通信引脚 CC2
35
DPC
USB C 口快充智能识别 DP
36
DMC
USB C 口快充智能识别 DM
37
CC1
USB C 口检测和快充通信引脚 CC1
38
DPA1
A 口快充智能识别 DP
39
DMA1
A 口快充智能识别 DM
40
TEST1
测试点
41
TEST2
测试点
42
TEST3
测试点
43
LED1
灯显
LED1 引脚
44
LED2
灯显
LED2 引脚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com