Electronic Components Datasheet Search
  English  ▼

X  

IP2369 Datasheet(PDF) 16 Page - Injoinic Technology Co.,Ltd.

Part # IP2369
Description  Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2369 Datasheet(HTML) 16 Page - Injoinic Technology Co.,Ltd.

Back Button IP2369 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
IP2369
V1.21
http://www.injoinic.com/
16 / 26
Copyright © 2024, Injoinic Corp.
11.4 输入输出最大功率设定
IP2369 通过判断 PSET 引脚连接的阻值来设定系统输入输出的最大功率。
11.5 电池串联数量设定
IP2369 通过判断 BAT_NUM 引脚连接的阻值来设定电池串联数量。
11.6 电池类型设定
IP2369 通过判断 VSET 引脚连接的阻值来设定电池类型。
RPSET
对应设定的最大功率
PMAX
18k
45W
13k
36W
9.1k
30W
6.2k
27W
3.6k
20W
RBAT_NUM
对应设定的电池串联数量
18k
6 串
13k
5 串
9.1k
4 串
6.2k
3 串
3.6k
2 串
RVSET
对应电池类型(单节电池充满电压)
27k
4.4V
18k
4.35V
13k
4.3V
9.1k
4.2V
6.2k
4.1V
3.6k
3.65V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com