Electronic Components Datasheet Search
  English  ▼

X  

IP2369 Datasheet(PDF) 20 Page - Injoinic Technology Co.,Ltd.

Part # IP2369
Description  Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2369 Datasheet(HTML) 20 Page - Injoinic Technology Co.,Ltd.

Back Button IP2369 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
IP2369
V1.21
http://www.injoinic.com/
20 / 26
Copyright © 2024, Injoinic Corp.
C<25%
亮
灭
灭
灭
C=0
闪烁
4 次
灭
灭
灭
闪烁
4 次(250ms 亮 250ms 灭)后停止放电。
2 灯模式 1 的显示方式为双色灯:
正常充电时
电量
C(%)
D1
D2
充满
灭
亮
66%≤C<100%
灭
0.5Hz 闪烁
33%≤C<66%
0.5Hz 闪烁
0.5Hz 闪烁
C<33%
0.5Hz 闪烁
灭
正常放电时
电量
C(%)
D1
D2
66%≤C<100%
灭
亮
33%≤C<66%
亮
亮
C<33%
亮
灭
C=0
闪烁
4 次
灭
闪烁
4 次(250ms 亮 250ms 灭)后停止放电。
2 灯模式 2 的显示方式为:
充电中
D1 亮 D2 灭,充满后 D1 灭 D2 亮;充电异常 D1 和 D2 同时闪烁(250ms 亮 250ms 灭)
放电中
D1 常亮,C=0 时 D1 闪烁 4 次(250ms 亮 250ms 灭)后停止放电。
1 灯模式的显示方式为:
充电中
D1 闪烁(1s 亮 1s 灭),充满后,D1 常亮;充电异常 D1 快速闪烁(250ms 亮 250ms 灭)
放电中
D1 常亮,C=0 时 D1 闪烁 4 次(250ms 亮 250ms 灭)后停止放电。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com