Electronic Components Datasheet Search
  English  ▼

X  

IP2369 Datasheet(PDF) 13 Page - Injoinic Technology Co.,Ltd.

Part # IP2369
Description  Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2369 Datasheet(HTML) 13 Page - Injoinic Technology Co.,Ltd.

Back Button IP2369 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
IP2369
V1.21
http://www.injoinic.com/
13 / 26
Copyright © 2024, Injoinic Corp.
11 功能描述
11.1 充电功能
IP2369 通过 Type-C 输入充电
IP2369 拥有一个支持同步升降压开关结构的恒流、恒压锂电池充电管理系统。
IP2369 采用开关充电技术,开关频率 250kHz。
IP2369 可以通过外接电阻设置不同的电池类型、充满电压和充电功率,可以支持 2/3/4/5/6 串电池的设
置,可以支持充满电压为
3.65V/4.1V/4.2V/4.35V/4.4V 的不同类型电池;最大输入充电功率可以达到
20V/2.25A(45W),充电效率最高到 96%;
IP2369 支持涓流-恒流-恒压充电的过程:
当电池电压
VBAT≤ 2.5V 时,为小电流涓流充电,电池充电电流 50mA 左右;
当电池电压
2.5V <VBAT≤ VTRKL 时,为涓流充电,电池充电电流 200mA 左右;
当电池电压
VTRKL<VBAT< VCV 时,为恒流充电,按设置的恒流充电电流对电池充电;
当电池电压
VBAT = VCV 时,电池电压上升到接近充满电压时,充电电流会缓慢下降,进入恒压充电;
进入恒压充电后,当电池充电电流小于
ISTOP 且电池电压接近恒压电压时,停止充电,进入充饱状态。
进入充饱状态后,会继续检测电池电压,当电池电压低于
VBAT <VRCH 后,会重新开始充电;
图
4
电池充电过程示意图



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com