Electronic Components Datasheet Search
  English  ▼

X  

IP2369 Datasheet(PDF) 12 Page - Injoinic Technology Co.,Ltd.

Part # IP2369
Description  Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2369 Datasheet(HTML) 12 Page - Injoinic Technology Co.,Ltd.

Back Button IP2369 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
IP2369
V1.21
http://www.injoinic.com/
12 / 26
Copyright © 2024, Injoinic Corp.
VBAT=6*3.0V, VOUT=20V,
IOUT=2.25A
96.0
%
放电系统过流
关断电流
Ishut
VBAT=N*3.7V,输出 5V
3.0
3.3
3.6
A
VBAT= N*3.7V,输出 9V,非 PD 状态
2.4
2.7
3.0
A
VBAT= N*3.7V,输出 12V,非 PD 状态
1.8
2.0
2.2
A
VBAT= N*3.7V,输出 PD 状态
PDO * 1.1
A
负载过流检测
时间
TUVD
输出电压持续低于
2.4V
30
ms
负载短路检测
时间
TOCD
输出电压持续低于
2.2V
40
μs
控制系统
开关频率
fs
放电开关频率
250
kHz
充电开关频率
250
kHz
VCC5V 输 出
电压
VCC5V
4.75
5
5.25
V
VCC5V 输 出
电流
30
mA
VCCIO 输 出
电压
VCCIO
3.15
3.3
3.45
V
VCCIO 输 出
电流
ICCIO
30
mA
电池端待机电
流
ISTB
VBAT=22V,关机 1 分钟后的平均电流
80
100
μA
LED 显示驱动
电流
IL1
IL2
电压下降
10%
5
7
10
mA
热关断温度
TOTP
上升温度
110
125
140
℃
热关断温度迟
滞
ΔTOTP
40
℃
内阻
H 桥功率
mos 导通阻抗
RDS
(
ON)
VGS=4.5V,ID=5A
7
10
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com