Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 16 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 16 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 12Page - TE Connectivity Ltd 927770-3 Datasheet HTML 13Page - TE Connectivity Ltd 927770-3 Datasheet HTML 14Page - TE Connectivity Ltd 927770-3 Datasheet HTML 15Page - TE Connectivity Ltd 927770-3 Datasheet HTML 16Page - TE Connectivity Ltd 927770-3 Datasheet HTML 17Page - TE Connectivity Ltd 927770-3 Datasheet HTML 18Page - TE Connectivity Ltd 927770-3 Datasheet HTML 19Page - TE Connectivity Ltd 927770-3 Datasheet HTML 20Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 260 page
background image
XIV
Housings and Connectors
Page
Introduction
2-37
✓
Unsealed Micro Timer II Housings
Receptacle Housings
2-38 – 2-39
✓
Tab Housings
2-40 – 2-41
✓
Unsealed Junior Timer Housings
Receptacle Housings
2-42 – 2-47
✓
Unsealed Junior Power Timer Housings
Receptacle Housings
2-48 – 2-52
✓
Unsealed Junior Timer and Junior Power Timer Housings
Junior Timer and Junior Power Timer Housings – 4 to 22 Positions
2-53 – 2-54
✓
Junior Power Timer Housings – 6 to 21 Positions, Not Waterproof
2-55
✓
Receptacle and Tab Housings – 6 to 21 Positions
2-56 – 2-61
✓
Unsealed Maxi Power Timer Housings
Receptacle Housings
2-62 – 2-63
✓
Tab Housings
2-64
✓
Unsealed Printed Circuit Board Headers
PCB Headers, 12 Positions
2-65
✓
PCB Headers, 15 Positions
2-66 – 2-67
✓
PCB Headers, 25 Positions
2-68 – 2-74
✓
PCB Headers, 35 Positions
2-75 – 2-78
✓
PCB Headers, 39 Positions
2-79 – 2-82
✓
PCB Headers, 55 Positions
2-83 – 2-85
✓
Unsealed Housings for Car Radio acc. to ISO-TC22/WG 5
Receptacle Housings
2-86 – 2-94
✓
Tab Housings
2-95 – 2-96
✓
Unsealed Housings for Wire-to-Wire Applications
Receptacle Housings
2-97 – 2-101
✓
Tab Housings
2-102 – 2-106
✓
TE A U TOMOTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com