Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 55 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 55 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 51Page - TE Connectivity Ltd 927770-3 Datasheet HTML 52Page - TE Connectivity Ltd 927770-3 Datasheet HTML 53Page - TE Connectivity Ltd 927770-3 Datasheet HTML 54Page - TE Connectivity Ltd 927770-3 Datasheet HTML 55Page - TE Connectivity Ltd 927770-3 Datasheet HTML 56Page - TE Connectivity Ltd 927770-3 Datasheet HTML 57Page - TE Connectivity Ltd 927770-3 Datasheet HTML 58Page - TE Connectivity Ltd 927770-3 Datasheet HTML 59Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 260 page
background image
Receptacle Contacts
Timer Contact System
Maxi Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
33
Temperature
(° C)
Current Carrying Capacity
(Ampere)
Tabs
Maxi Littelfuse
9.5 x 1.2 mm
8.0 x 0.38 mm
4.0 mm2
6.0 mm2
10.0 mm2
4.0 mm2
6.0 mm2
10.0 mm2
20
45.0
57.0
71.0
40.0
50.0
60.0
90
27.0
28.0
32.0
27.0
28.0
32.0
Max. Current in 2 Position Housing (Fully-Loaded)
7.85
11.2
0.65
2.7
0.3
6.7
7.5
11.2
37.5 /41.0
Technical Features
Contact Material:
CuNiSi,
Cantilever Spring: Stainless Steel
Contact Finish:
pre-tin plated
Wire Size Range:
> 2.5–4.0 mm2
> 4.0–6.0 mm2
> 6.0–10.0 mm2
Contact Resistance (New State):
< 0.3 m
Total Temperature max.:
–40 °C to +130 °C (tin plated)
Mating Cycles:
10 (tin plated)
Retention Force:
– from housings without second
locking device min. 150 N
– from housings only second
locking device min. 100 N
Modular Dimensions
Standard Version:
min. 11.0 mm x 12.5 mm
Single Wire Seal:
16.0 mm x 16.0 mm
Single Wire Seal:
Diameter 10.0 mm in cavity
with diameter 15.0 mm
Tab Dimensions:
9.5 mm x 1.2 mm and fused
contacts according DIN 72581,
Part 3, Form E.
Insertion Force,:
< 40 N
Extraction Force,:
> 6 N
Extraction Tool:
Part No. 1-1579007-7
Product Group Drawing:
1355050
Product Specification:
108-18047
Application Specification:
114-18075
,) Measured with an Steel Test Tab
(see Product Spec. 108-18279).
Wire Size Range
(mm2)
4.0
> 300 N
–
6.0
> 400 N
–
10.00
> 500 N
–
> 2.5–4.0 >
–< 0.20 m
4.0–6.0
–< 0.10 m
6.0–10.0
–< 0.06 m
Measured Values
Crimp Extraction Force
Crimp Contact Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com