Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 56 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 56 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 52Page - TE Connectivity Ltd 927770-3 Datasheet HTML 53Page - TE Connectivity Ltd 927770-3 Datasheet HTML 54Page - TE Connectivity Ltd 927770-3 Datasheet HTML 55Page - TE Connectivity Ltd 927770-3 Datasheet HTML 56Page - TE Connectivity Ltd 927770-3 Datasheet HTML 57Page - TE Connectivity Ltd 927770-3 Datasheet HTML 58Page - TE Connectivity Ltd 927770-3 Datasheet HTML 59Page - TE Connectivity Ltd 927770-3 Datasheet HTML 60Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 260 page
background image
Receptacle Contacts (continued)
Timer Contact System
Maxi Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
34
,) Material and Finish:
1-xxx-1 = CuNiSi, pre-tin plated
1-xxx-6 = CuNiSi, Sn28M
2-xxx-1 = CuNiSi, pre-tin plated
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Part Numbers
Strip
Package
Loose-
Package
Form
Quantity
Piece
Quantity
N Applicator N
Hand Tool
Standard Receptacle Contacts (Tab 9.5 x 1.2 mm)
Wire Size
Range
(mm2)
> 2.5–4.0 >
3.3–4.7
–
-1
962928
600
962929
500
1855533
734531-1
4.0–6.0
4.0–5.2
–
-1 / 1-xxx-6
962930
600
962931
500
1855531
734532-1
6.0–10.0
4.6–6.6
–
-1 / 1-xxx-6
962932
600
962933
500
1855534
734533-1
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Part Numbers
Strip
Package
Loose-
Package
Form
Quantity
Piece
Quantity
N Applicator N
Hand Tool
Receptacle Contacts with Single Wire Sealing System (Tab 9.5 x 1.2 mm)
Wire Size
Range
(mm2)
> 2.5–4.0 >
4.6–5.3
–
-1
962934
450
962935
500
on request
4.0–6.0
5.8–6.6
–
-1
962936
450
962937
500
1855532
–
6.0–10.0
7.1–8.1
–
-1
962938
450
962939
500
on request
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Part Numbers
Strip
Package
Loose-
Package
Form
Quantity
Piece
Quantity
N Applicator N
Hand Tool
Standard Receptacle Contacts with Reduced Mating Force (Tab 9.5 x 1.2 mm)
Wire Size
Range
(mm2)
4.0–6.0
4.0–5.2
–
-1 / 2-xxx-1
967228
600
1-967229-1
500
on request
734532-1
6.0–10.0
4.6–6.6
–
-1 / 2-xxx-1
965918
600
1-965921-1
500
on request
734533-1
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Part Numbers
Strip
Package
Loose-
Package
Form
Quantity
Piece
Quantity
N Applicator N
Hand Tool
Standard Receptacle Contacts (Tab 8.0 x 1.0 mm)
Wire Size
Range
(mm2)
4.0–6.0
4.0–5.2
–
1-xxx-6
1719952
600
1719951
500
on request
734532-1
6.0–10.0
4.6–6.6
–
1-xxx-6
1703008
600
1703011
500
on request
734533-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com