Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 40 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 40 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 36Page - TE Connectivity Ltd 927770-3 Datasheet HTML 37Page - TE Connectivity Ltd 927770-3 Datasheet HTML 38Page - TE Connectivity Ltd 927770-3 Datasheet HTML 39Page - TE Connectivity Ltd 927770-3 Datasheet HTML 40Page - TE Connectivity Ltd 927770-3 Datasheet HTML 41Page - TE Connectivity Ltd 927770-3 Datasheet HTML 42Page - TE Connectivity Ltd 927770-3 Datasheet HTML 43Page - TE Connectivity Ltd 927770-3 Datasheet HTML 44Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 260 page
background image
Tab Contacts Symmetric
Timer Contact System
Junior Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
18
Tabs 2.8 x 0.8 mm
with Modified
Steel Top Spring,
Mates with
Junior Power Timer
Extraction Tool:
Part No. 1-1579007-6
Product Group Drawing:
1355364
Product Specification:
108-18063
Application Specification:
114-18051
,) Material and Finish:
1-xxx-3 = CuSn, selective gold plated
2-xxx-1 = CuFe, pre-tin plated
2-xxx-2 = CuFe, selective pre-silver plated
4-xxx-1 = CuNi18Zn20, plain
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
2.8
0.8
0.85
0.8
6.0
9.5
0.32
24.2 – 25.0
0.2–0.5
–
1.15–1.60
1-xxx-3 / 2-xxx-1
964292
4,000
964291
500
1528004
0.5–1.0
–
1.4–2.1
1-xxx-3 / 2-xxx-1 / 2-xxx-2
964294
4,000
964293
500
1528097
2063533-1
1.25–2.50
–
2.2–3.0
1-xxx-3 / 2-xxx-1 / 2-xxx-2
964296
3,300
964295
500
1528001
0.2–0.5
–
1.15–1.60
1-xxx-3 / 2-xxx-1
964298
3,500
964297
500
1528025
0.5–1.0
–
1.4–2.1
1-xxx-3 / 2-xxx-1 / 4-xxx-1
964300
3,500
964299
500
1528101
2063435-1
1.25–2.50
–
2.2–3.0
1-xxx-3 / 2-xxx-1
964302
3,500
964301
500
1528026
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Standard Tab Contacts with Modified Spring
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Tab Contacts with Modified Spring and Single Wire Sealing System
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com