Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 42 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 42 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 38Page - TE Connectivity Ltd 927770-3 Datasheet HTML 39Page - TE Connectivity Ltd 927770-3 Datasheet HTML 40Page - TE Connectivity Ltd 927770-3 Datasheet HTML 41Page - TE Connectivity Ltd 927770-3 Datasheet HTML 42Page - TE Connectivity Ltd 927770-3 Datasheet HTML 43Page - TE Connectivity Ltd 927770-3 Datasheet HTML 44Page - TE Connectivity Ltd 927770-3 Datasheet HTML 45Page - TE Connectivity Ltd 927770-3 Datasheet HTML 46Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 260 page
background image
Single Wire Seals and Sealing Plugs
Timer Contact System
Junior Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
20
Single Wire Seals
and Sealing Plugs
for Junior Power Timer
and 2.8 mm Tabs
(Two Cavity Diameters)
3.4
A
4.3
7.8
Color
Diameter
A
(mm)
Part
Number
Package
Quantity
A
1.2–2.1
(0.35–1.00)
Blue
5.6
828904-1
1,000
828904-2
10,000
A
2.2–3.0
(1.5–2.5)
White
5.6
828905-1
10,000
B
3.0–3.7
(2.5–4.0)
Green
7.2
828985-1
5,000
A
Sealing Plug
Natural
5.6
828922-1
10,000
B
Sealing Plug
Brown
7.2
828986-1
5,000
For correct use see Application Specification 114-18148.
Cavity
Size
Function Relevant
Insulation
Diameter
(mm)
Example for Wire Size,
FLR Insulation
according ISO 6722
(mm2)
5.2
6.45
Contact Cavity of Housing
Contact Cavity of Housing
Sealing Plug
Sealing Plug
Cavity Size A
Cavity Size B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com