Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 36 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 36 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 32Page - TE Connectivity Ltd 927770-3 Datasheet HTML 33Page - TE Connectivity Ltd 927770-3 Datasheet HTML 34Page - TE Connectivity Ltd 927770-3 Datasheet HTML 35Page - TE Connectivity Ltd 927770-3 Datasheet HTML 36Page - TE Connectivity Ltd 927770-3 Datasheet HTML 37Page - TE Connectivity Ltd 927770-3 Datasheet HTML 38Page - TE Connectivity Ltd 927770-3 Datasheet HTML 39Page - TE Connectivity Ltd 927770-3 Datasheet HTML 40Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 260 page
background image
Receptacle Contacts (continued)
Timer Contact System
Junior Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
14
,) Material and Finish:
1-xxx-1, = CuFe, pre-tin plated
1-xxx-1, = CuSn, pre-tin plated
1-xxx-3, = CuSn, pre-tin plated
1-xxx-6, = CuSn, selective pre-silver plated
1-xxx-7, = CuFe, pre-tin plated, Special Test
1-xxx-8, = CuSn, selective gold plated, Spring: gold plated
1-xxx-9, = CuSn, selective gold and tin plated
1-xxx-1, = CuFe, selective gold plated
2-xxx-1, = CuSn, selective gold plated
Remarks:
,,,,) Gap Size 0.30 mm
,,,,) Gap Size 0.65 mm
,,,,) Gap Size 0.15 mm
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
-1 / -3 / 1-xxx-1
927778
4,000
927780
500
0.22–0.50
1.15–2.30
–
-1
967259
,,
4,500
967260
,,
500
1528407
2063569-1
-1
969137
,,,
4,000
969138
,,,
500
-1 / -3 / -6 / -7 /
927775
4,000
927783
500
0.5–1.0
2.0–2.7
–
1-xxx-1 / 2-xxx-1
1426141
2063195-1
–
-1 / -3
928876
,,,,
4,000
––
1.5–2.5
2.7–4.1
–
-1 / -3 / -6 /
927773
3,000
927781
500
1528385
2063195-1
1-xxx-1 / 2-xxx-1
0.2–0.5
–
1.0–1.6
-1 / -3 / -6 / -8 /
927774
4,000
927776
500
1528032
2031991-1
1-xxx-1 / 2-xxx-1
-1 / -3 / -6 / -8 / -9 /
927771
3,750
927779
500
1-xxx-1 / 2-xxx-1
0.5–1.0
–
1.4–2.3
-1
965901
,,,
4,000
965902
,,,
500
1528029
2063195-1
, -1 ,
928810
,,
4,000
––
-1 / -3 / -6 / -8 / -9 /
927768
3,500
927777
500
1-xxx-1 / 2-xxx-1
1.5–2.5
–
2.1–3.1
-1
963884
,,
3,500
963885
,,
500
1528045
2063195-1
-1
965899
,,,
3,500
965900
,,,
500
0.08–0.22
1.5–1.8
-1 / -3 / -6 /
963708
4,000
963777
500
on request
734414-1
Special Version
1-xxx-1 / 2-xxx-1
0.22–0.38
1.15–1.60
–
-1 / -3 / 1-xxx-1
927772
3,700
929931
500
1528027
-1 / -3 / -6 / -8 /
927770
3,750
929930
500
1528006
0.5–1.0
2.0–2.7
–
1-xxx-1 / 2-xxx-1
-1
929280
,,
3,750
929281
,,
500
1528006
1.5–2.5
2.7–3.0
–
-1 / -3 / -8 /
927766
3,750
929929
500
1528275
2031991-1
1-xxx-1 / 2-xxx-1
0.35–0.50
–
1.15–1.60
-1 / -3 / 1-xxx-1
927772
3,700
929931
500
1528027
0.5–1.0
–
1.4–2.1
-1 / -3 / -6 / -8 /
927770
3,750
929930
500
1528006
1-xxx-1 / 2-xxx-1
1.5–2.5
–
2.2–3.0
-1 / -3 / -8 /
927766
3,750
929929
500
1528275
1-xxx-1 / 2-xxx-1
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Standard Receptacle Contacts (Length 18.8 mm)
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Receptacle Contacts with Single Wire Sealing System (Length 18.8 mm)
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com