Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 52 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 52 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 48Page - TE Connectivity Ltd 927770-3 Datasheet HTML 49Page - TE Connectivity Ltd 927770-3 Datasheet HTML 50Page - TE Connectivity Ltd 927770-3 Datasheet HTML 51Page - TE Connectivity Ltd 927770-3 Datasheet HTML 52Page - TE Connectivity Ltd 927770-3 Datasheet HTML 53Page - TE Connectivity Ltd 927770-3 Datasheet HTML 54Page - TE Connectivity Ltd 927770-3 Datasheet HTML 55Page - TE Connectivity Ltd 927770-3 Datasheet HTML 56Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 260 page
background image
Single Wire Seals and Sealing Plugs
Timer Contact System
Standard Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
30
Single Wire Seals
and Sealing Plugs
for Standard Power Timer
and 5.8 mm (4.8 mm) Tabs
(Cavity Diameter see below)
6.0
8.5
A
7.9
6.9
7.2
Color
Diameter A
(mm)
Part Number
Package
Quantity
1.4–2.1
Blue
8.2
963243-1
2,500
2.2–3.0
White
8.2
963244-1
2,500
3.4–3.7
Yellow
8.2
963245-1
2,500
Sealing Plug
Black
8.1
100132-1
1,000
Insulation Diameter
(mm)
AMP MCP 6.3/4.8K
TAB 5.8 x 0.8 mm
Cavity shown from Top (Contact Engaging Side)
TAB 5.8 x 0.8 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com