Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 20 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 20 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 16Page - TE Connectivity Ltd 927770-3 Datasheet HTML 17Page - TE Connectivity Ltd 927770-3 Datasheet HTML 18Page - TE Connectivity Ltd 927770-3 Datasheet HTML 19Page - TE Connectivity Ltd 927770-3 Datasheet HTML 20Page - TE Connectivity Ltd 927770-3 Datasheet HTML 21Page - TE Connectivity Ltd 927770-3 Datasheet HTML 22Page - TE Connectivity Ltd 927770-3 Datasheet HTML 23Page - TE Connectivity Ltd 927770-3 Datasheet HTML 24Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 260 page
background image
XVIII
Housings and Connectors
Application Tooling and Equipment
Page
Sealed Junior Power Timer and Micro Timer II Housings
Receptacle Housings for Contacts 18.0 mm Length
2-146
✓
Sealed Junior Power Timer Housings
Receptacle Housings for Contacts 18.0 mm Length
2-147
✓
Sealed Junior Power Timer Housings
Receptacle Housings for Contacts 21.0 mm Length
2-148 – 2-167
✓
Tab Housings for Contacts 21.0 mm Length
2-168 – 2-169
✓
Sealed Power Timer and Micro Timer II Housings
Receptacle Housings for Contacts 21.0 mm Length
2-170 – 2-177
✓
Introduction
2-179
✓
Insertion Machines for Single Contacts
2-180 – 2-182
✓
IDC Machines
2-183
✓
Lead Makers
2-184 – 2-191
✓
Applicators
2-192 – 2-194
✓
Crimping Presses and Accessories
2-195 – 2-205
✓
Resistance Welding Equipment
2-206
✓
MOSTTM Equipment
2-207 – 2-208
✓
Hand Tools
2-209 – 2-213
✓
FFC-FPC Equipment
2-214 – 2-215
✓
Magnet Wire Equipment
2-216 – 2-217
✓
Board Processing Equipment
2-218 – 2-221
✓
Equipment for Electrical Testing
2-222
✓
Application Tooling Global Field Service Organization
2-223
✓
Application Tooling Americas Field Service Locations
2-224
✓
Application Tooling EMEA Field Service Locations
2-225
✓
Application Tooling Asia Pacific Field Service Locations
2-226
✓
Numerical Index
2-227 – 2-235
✓
Disclaimer and Trademarks
2-236
✓
TE A U TOMOTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com