Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 27 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 27 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 23Page - TE Connectivity Ltd 927770-3 Datasheet HTML 24Page - TE Connectivity Ltd 927770-3 Datasheet HTML 25Page - TE Connectivity Ltd 927770-3 Datasheet HTML 26Page - TE Connectivity Ltd 927770-3 Datasheet HTML 27Page - TE Connectivity Ltd 927770-3 Datasheet HTML 28Page - TE Connectivity Ltd 927770-3 Datasheet HTML 29Page - TE Connectivity Ltd 927770-3 Datasheet HTML 30Page - TE Connectivity Ltd 927770-3 Datasheet HTML 31Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 260 page
background image
Receptacle Contacts
Timer Contact System
Micro Timer II and Micro Timer III
,,
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
5
Material
Temperature
(° C)
Current Carrying Capacity
(Ampere)
0.35 mm2
0.50 mm2
0.75 mm2
CuSn
20
3.0
5.0
8.0
90
1.5
2.0
4.0
CuFe
20
4.0
6.0
10.00
90
1.5
2.5
5.0
Max. Current in 68 Position Housing
Receptacle Contact
5.7
3.6
19.0
Spring 1
2.2
1.2
0.4
1.2
0.32
With Modified Spring
5.7
3.6
19.0
Spring 2
2.2
1.2
0.6
0.8
0.32
Technical Features
Contact Material:
CuSn, CuFe, CuNiSi
Cantilever Spring: Stainless Steel
Contact Finish:
pre-tin plated, gold plated
Wire Size Range:
0.2–0.5 mm2 (FLR)
0.5–1.0 mm2 (FLR)
1.5 mm2 (FLR)
Contact Resistance (New State):
CuSn: < 5 m
CuFe: < 4 m
Total Temperature max.:
–40 °C to +120 °C (tin plated)
–40 °C to +140 °C (gold plated)
Mating Cycles:
10 (tin plated)
100 (gold plated)
Insertion Force,:
max. 4 N (proof tab 0.6 mm thick)
Extraction Force,:
min. 2 N (proof tab 0.6 mm thick)
Retention Force (from Housing):
– without second locking device
> 25 N
– second locking device only
>100 N
depends on housing material
Dimensions of Male Contacts:
1.6 x 0.6 mm = Micro Timer II
1.6 x 0.8 mm = Micro Timer III
Modular Dimensions:
3.25 mm x 4.0 mm (smallest)
Version in Single Seal:
4.0 mm x 4.0 mm (smallest)
Extraction Tool:
Part No. 539960-1
Product Group Drawings:
1355045 = Micro Timer II
1241916 = Micro Timer III
Product Specifications:
108-18055 = Micro Timer II
108-18386 = Micro Timer III
Application Specification:
114-18081
,,) Measured with an Steel Test Tab
(see Product Spec. 108-18279).
,,) Note: Micro Timer III is made
for diagnosis applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com