Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 45 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 45 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 41Page - TE Connectivity Ltd 927770-3 Datasheet HTML 42Page - TE Connectivity Ltd 927770-3 Datasheet HTML 43Page - TE Connectivity Ltd 927770-3 Datasheet HTML 44Page - TE Connectivity Ltd 927770-3 Datasheet HTML 45Page - TE Connectivity Ltd 927770-3 Datasheet HTML 46Page - TE Connectivity Ltd 927770-3 Datasheet HTML 47Page - TE Connectivity Ltd 927770-3 Datasheet HTML 48Page - TE Connectivity Ltd 927770-3 Datasheet HTML 49Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 260 page
background image
Receptacle Contacts
Timer Contact System
Standard Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
23
Technical Features
Contact Material:
CuSn, CuFe, CuNiSi,
Cantilever Spring: Stainless Steel
Contact Finish:
tin plated, silver plated,
selective gold plated
Contact Resistance (New State):
2 m
Total Temperature max.:
–40 °C to +130 °C (tin plated)
–40 °C to +140 °C (silver plated)
–40 °C to +150 °C (gold plated)
Mating Cycles:
10 (tin plated)
50 (silver plated)
100 (gold plated)
Insertion Force,:
max. 15 N (proof tab 0.8 mm thick)
Extraction Force,:
min. 2 N (proof tab 0.8 mm thick)
Retention Force:
– from housings without second
locking device min. 120 N
– from housings only second
locking device min. 60 N
Dimensions of Male Contacts:
4.8 x 0.8 mm,
5.8 x 0.8 mm,
6.3 x 0.8 mm
Modular Dimensions:
min. 6.0 x 7.5 mm
Extraction Tool:
Part No. 1-1579007-6
Product Group Drawing:
1355048
1355049 (Modified Spring)
Product Specification:
108-18025
Application Specification:
114-18037
,) Measured with an Steel Test Tab
(see Product Spec. 108-18279).
4.8
6.85
0.4
min. 0.7
0.4
3.3
4.5
5.0
Receptacle Contact
Material
Temperature
(° C)
Current Carrying Capacity (Ampere)
1.0 mm2
1.5 mm2
2.5 mm2
4.0 mm2
CuFe
20
17.5
23.0
25.5
40.0
90
8.0
10.5
12.0
17.0
CuSn
20
16.5
20.0
23.5
35.0
90
7.5
9.0
11.0
16.0
19.5 – 20.0
4.8
6.85
0.4
1.6
0.4
3.3
4.5
5.0
With Modified Spring
19.5 – 20.0
Max. Current in 8 Position Housing (Fully Loaded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com