Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 30 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 30 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 26Page - TE Connectivity Ltd 927770-3 Datasheet HTML 27Page - TE Connectivity Ltd 927770-3 Datasheet HTML 28Page - TE Connectivity Ltd 927770-3 Datasheet HTML 29Page - TE Connectivity Ltd 927770-3 Datasheet HTML 30Page - TE Connectivity Ltd 927770-3 Datasheet HTML 31Page - TE Connectivity Ltd 927770-3 Datasheet HTML 32Page - TE Connectivity Ltd 927770-3 Datasheet HTML 33Page - TE Connectivity Ltd 927770-3 Datasheet HTML 34Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 260 page
background image
Tab Contacts
Timer Contact System
Micro Timer II and Micro Timer III
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
8
Tabs 1.6 x 0.6 mm
with Modified
Steel Top Spring,
Mates with
Micro Timer II
Extraction Tool:
Part No. 539960-1
Product Group Drawing:
1355055
Product Specification:
108-18331
Application Specification:
114-18082
Remarks:
2) = With Spring 1 or Spring 2
3) = For Double and Single Termination
,) Material and Finish:
xxx-1 = CuSn4, pre-tin plated
xxx-2 = CuFe2, pre-tin plated
xxx-3 = CuSn4, gold plated
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
5.7
22.4
8.0
5.7
1.6
0.6
0.6
0.8
0.32
Spring 2
0.2–0.5
–
1.15–1.60
-2 / -3
964265 2)
7,500
964266 2)
500
1528091
0.5–1.0
–
1.4–2.1
-2 / -3
3) 969079 2) 3)
5,500
3) 969080 2) 3)
500
1528096
2063409-1
-1 / -2 / -3
964267 2)
6,000
964268 2)
500
1528092
1.5
–
2.2–2.4
-1 / -2 / -3
1241846 2)1
4,000
1241847 2)1
500
1528123
–
0.2–0.5
–
1.2–1.6
-2 / -3
969028 2)
4,000
969029 2)
500
1528068
2063409-1
0.5–1.0
–
1.4–2.1
-2 / -3
964269 2)
4,000
964270 2)
500
1528261
1.5
–
2.2–2.4
-2
1703278 2)
4,000
1703279 2)
500
1528579
–
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Standard Tab Contacts with Modified Spring
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Tab Contacts with Modified Spring and Single Wire Sealing System
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com