Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 37 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 37 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 33Page - TE Connectivity Ltd 927770-3 Datasheet HTML 34Page - TE Connectivity Ltd 927770-3 Datasheet HTML 35Page - TE Connectivity Ltd 927770-3 Datasheet HTML 36Page - TE Connectivity Ltd 927770-3 Datasheet HTML 37Page - TE Connectivity Ltd 927770-3 Datasheet HTML 38Page - TE Connectivity Ltd 927770-3 Datasheet HTML 39Page - TE Connectivity Ltd 927770-3 Datasheet HTML 40Page - TE Connectivity Ltd 927770-3 Datasheet HTML 41Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 260 page
background image
Receptacle Contacts (continued)
Timer Contact System
Junior Power Timer
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
15
,) Material and Finish:
2-xxx-1 = CuFe, pre-tin plated
2-xxx-3 = CuSn, pre-tin plated
2-xxx-6 = CuSn, selective pre-silver plated
1-xxx-1 = CuFe, selective gold plated
2-xxx-1 = CuSn, selective gold plated
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
,) Material and Finish:
xxx-1 = CuFe, pre-tin plated
xxx-2 = CuSn, pre-tin plated
xxx-6 = CuSn, selective pre-silver plated
1-xxx-1 = CuFe, selective gold plated
2-xxx-1 = CuSn, selective gold plated
4-xxx-1 = CuNiSi, selective gold plated
N) The pre- and suffix for the
applicators depends on the
applied termination equipment.
-1 / -2 /
964280
4,500
964279
500
1528004
0.22–0.50
–
1.15–1.60
1-xxx-1 / 2-xxx-1 / 4-xxx-1
-1 / 4-xxx-1
,, 1241862 ,,
3,500
,, 1241863 ,,
500
on request
-1 / -2 / -6 /
964284
4,000
,,,
964283
,,,
500
1528097
0.5–1.0
–
1.4–2.1
1-xxx-1 / 2-xxx-1 / 4-xxx-1
2063533-1
-1 / 4-xxx-1
,, 1241866 ,,
3,500
,, 1241867 ,,
500
on request
-1 / -2 / -6 /
965999
3,500
,,,
964346
,,,
500
1528001
1.5–2.5
–
2.2–3.0
1-xxx-1 / 2-xxx-1 / 4-xxx-1
-1 / 4-xxx-1
,, 1241870 ,,
3,500
,, 1241871 ,,
500
1528001
2.5–4.0
–
2.7–3.7
-2
1241978
2,700
1241977
500
1528202
–
-1 / -2 /
964282
3,500
964281
500
1528025
0.2–0.5
–
1.2–2.3
1-xxx-1 / 2-xxx-1 / 4-xxx-1
-1 / 4-xxx-1
,, 1241864 ,,
3,500
,, 1241865 ,,
500
on request
-1 / -2 /
964286
3,500
964285
500
1528101
0.5–1.0
–
1.4–2.7
1-xxx-1 / 2-xxx-1 / 4-xxx-1
2063435-1
-1 / 4-xxx-1
,, 1241868 ,,
3,500
,, 1241869 ,,
500
on request
-1 / -2 /
964273
3,500
964287
500
1528026
1.5–2.5
–
2.2–3.0
1-xxx-1 / 2-xxx-1 / 4-xxx-1
-1 / 4-xxx-1
,, 1241872 ,,
3,500
,, 1241873 ,,
500
1528026
0.22-0.38
1.15-1.60
–
-1 / -3 / -6 /
929941
3,750
929942
500
1528027
1-xxx-1 / 2-xxx-1
0.5-1.0
2.0-2.7
–
-1 / -3 / -6 /
929939
3,750
929940
500
1528006
1-xxx-1 / 2-xxx-1
1.5-2.5
2.7-3.0
–
-1 / -3 / -6 /
929937
3,700
929938
500
1528275
1-xxx-1 / 2-xxx-1
2031991-1
0.35-0.50
–
1.15-1.60
-1 / -3 / -6 /
929941
3,750
929942
500
1528027
1-xxx-1 / 2-xxx-1
0.5-1.0
–
1.4-2.1
-1 / -3 / -6 /
929939
3,750
929940
500
1528006
1-xxx-1 / 2-xxx-1
1.5-2.5
–
2.2-3.0
-1 / -3 / -6 /
929937
3,700
929938
500
1528275
1-xxx-1 / 2-xxx-1
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Receptacle Contacts with Single Wire Sealing System (Length 21.0 mm)
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Standard Receptacle Contacts with Modified Spring (Length 18.8 mm)
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity
Insulation Diameter
(mm)
FLK
FLR
Material
and Finish
,
Receptacle Contacts with Modified Spring and Single Wire Sealing System (Length 19.6 mm)
Wire Size
Range
(mm2)
Part Numbers
Strip
Package
Loose-
Package
N Applicator N
Hand Tool
Form
Quantity
Piece
Quantity
Remarks:
,,,) Gap Size 0.3 mm
,,,) xxx-6 = NA yet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com