Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 196 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 196 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 192Page - TE Connectivity Ltd 927770-3 Datasheet HTML 193Page - TE Connectivity Ltd 927770-3 Datasheet HTML 194Page - TE Connectivity Ltd 927770-3 Datasheet HTML 195Page - TE Connectivity Ltd 927770-3 Datasheet HTML 196Page - TE Connectivity Ltd 927770-3 Datasheet HTML 197Page - TE Connectivity Ltd 927770-3 Datasheet HTML 198Page - TE Connectivity Ltd 927770-3 Datasheet HTML 199Page - TE Connectivity Ltd 927770-3 Datasheet HTML 200Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 260 page
background image
Receptacle Housings for Contacts 21.0 mm Length
Timer Housings and Connectors
Sealed Power Timer & Micro Timer II Housings
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
174
16 Position Receptacle Housings
No. of
Pos.
Keying
Options
Housing
Color
Technical Features
No. of Positions:
16 Positions
Housing Material:
PBT ASA GF30
Wire Size Range:
See customer drawing
Product Specification:
108-18102
Application Specification:
114-18175
Part Numbers
Receptacle
Cover
Mating
Facial
Mating PCB Header
Housing
Tab Housing
Sealing
Right-Angle
Vertical
1-963215-1 (A1)......
–
2-963215-1 (B1)......
–
16
–
Black
1-967242-1
–
1-964449-1
963216-1
3-963215-1 (C1)......
–
4-963215-1 (D1)......
–
5-963215-1 (Neutral)
–
52.1
50.6
5.0
37.75
24.3
19.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com