Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 205 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 205 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 201Page - TE Connectivity Ltd 927770-3 Datasheet HTML 202Page - TE Connectivity Ltd 927770-3 Datasheet HTML 203Page - TE Connectivity Ltd 927770-3 Datasheet HTML 204Page - TE Connectivity Ltd 927770-3 Datasheet HTML 205Page - TE Connectivity Ltd 927770-3 Datasheet HTML 206Page - TE Connectivity Ltd 927770-3 Datasheet HTML 207Page - TE Connectivity Ltd 927770-3 Datasheet HTML 208Page - TE Connectivity Ltd 927770-3 Datasheet HTML 209Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 260 page
background image
IDC Machines
Timer Interconnection System
Application Tooling and Equipment
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
2-183
The development of this
termination machine was
necessary to be able to
process high cavity-count
female connectors in IDC
technology. The new multi-
cavity motor-control interface
connectors are used in damp
areas in cars and must be
MT-E2 F Semi-
Automatic Machine
completely water-proof, hence
the use of a family seal over
the insulation displacement
contacts.
The pitch of the cavities in the
family seal corresponds to
that of the connectors with
their insulation displacement
contacts.
The cavities in the family seal
are closed by a membrane.
An integrated programm
controlled unit pierces the
membrane, prior to the IDC
termination.
The IDC workstation produces
electrical connections for
harness assemblies
specifically intended for the
use within dashboard
applications in the automotive
industry. The proven insulation
displacement technology
ensures a high level of
reliability.
The software allows the
production of different harness
configurations featuring up to
11 connectors. The work-
station is compatible with IDC
connectors with a 2.54 mm
and a 3.5 mm pitch. It is
intended for medium to large
volume production.
IWS 188
IDC Workstation
For more detailed information please visit our websites:
www.tooling.te.com • www.tooling.te.com/europe • www.tooling.te.com/china



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com