Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM87 Datasheet HTML 18Page - Texas Instruments LM87 Datasheet HTML 19Page - Texas Instruments LM87 Datasheet HTML 20Page - Texas Instruments LM87 Datasheet HTML 21Page - Texas Instruments LM87 Datasheet HTML 22Page - Texas Instruments LM87 Datasheet HTML 23Page - Texas Instruments LM87 Datasheet HTML 24Page - Texas Instruments LM87 Datasheet HTML 25Page - Texas Instruments LM87 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
LM87
SNAS034J – APRIL 2000 – REVISED MARCH 2013
www.ti.com
PCB Layout Recommendations for Minimizing Noise
In a noisy environment, such as a processor mother board, layout considerations are very critical. Noise induced
on traces running between the remote temperature diode sensor and the LM87 can cause temperature
conversion errors. The following guidelines should be followed:
1. Place a 0.1
μF power supply bypass capacitor as close as possible to the VCC pin and the recommended 2.2
nF capacitor as close as possible to the D+ and D
− pins. Make sure the traces to the 2.2 nF capacitor are
matched.
2. Ideally, the LM87 should be placed within 10 cm of the Processor diode pins with the traces being as
straight, short and identical as possible.
3. Diode traces should be surrounded by a GND guard ring to either side, above and below if possible. This
GND guard should not be between the D+ and D
− lines. In the event that noise does couple to the diode
lines it would be ideal if it is coupled common mode. That is equally to the D+ and D
− lines.
4. Avoid routing diode traces in close proximity to power supply switching or filtering inductors.
5. Avoid running diode traces close to or parallel to high speed digital and bus lines. Diode traces should be
kept at least 2 cm. apart from the high speed digital traces.
6. If it is necessary to cross high speed digital traces, the diode traces and the high speed digital traces should
cross at a 90 degree angle.
7. The ideal place to connect the LM87's GND pin is as close as possible to the Processors GND associated
with the sense diode. For the Pentium II this would be pin A14.
Figure 12. Recommended Diode Trace Layout
Noise on the digital lines, overshoot greater than VCC and undershoot less than GND, may prevent successful
SMBus communication with the LM87. SMBus no acknowledge is the most common symptom, causing
unnecessary traffic on the bus. Although, the SMBus maximum frequency of communication is rather low (400
kHz max) care still needs to be taken to ensure proper termination within a system with multiple parts on the bus
and long printed circuit board traces. A lowpass filter, in series with the SMBCLK and SMBData, has been added
internally to the LM87 for noise immunity. The lowpass filter has a typical cutoff frequency of 20MHz. Additional
noise immunity can be achieved by placing a resistor (4.7k to 5.1k Ohms) in series with the SMBCLK input as
close to the LM87 as possible. This resistance, in conjunction with the IC input capacitance, reduces high
frequency noise seen at the SMBCLK input and increases the reliability of communications.
22
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com