Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM87 Datasheet HTML 2Page - Texas Instruments LM87 Datasheet HTML 3Page - Texas Instruments LM87 Datasheet HTML 4Page - Texas Instruments LM87 Datasheet HTML 5Page - Texas Instruments LM87 Datasheet HTML 6Page - Texas Instruments LM87 Datasheet HTML 7Page - Texas Instruments LM87 Datasheet HTML 8Page - Texas Instruments LM87 Datasheet HTML 9Page - Texas Instruments LM87 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
LM87
SNAS034J – APRIL 2000 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics (continued)
The following specifications apply for +2.8 VDC ≤ V
+ ≤ +3.8 V
DC, Analog voltage inputs RS = 510 Ω, unless otherwise specified.
Boldface limits apply for TA = T J = TMIN to TMAX; all other limits TA = TJ = 25 °C.
(1)
Typical
Limits
Units
Symbol
Parameter
Conditions
(2)
(3)
(Limits)
FAN RPM-TO-DIGITAL CONVERTER
+25 °C
≤ TA ≤ +75 °C
±10
% (max)
Fan RPM Error
−10 °C ≤ TA ≤ +100 °C
±15
% (max)
−40 °C ≤ TA ≤ +125 °C
±20
% (max)
Full-scale Count
255
(max)
Divisor = 1, Fan Count = 153
8800
RPM
(9)
Divisor = 2, Fan Count = 153
4400
RPM
(9)
FAN1 and FAN2 Nominal Input
RPM (See FAN INPUTS)
Divisor = 3, Fan Count = 153
2200
RPM
(9)
Divisor = 4, Fan Count = 153
1100
RPM
(9)
DIGITAL OUTPUTS (NTEST_OUT)
IOUT = ±3.0 mA at
2.4
V (min)
VOUT(1)
Logical “1” Output Voltage
V+ = +2.8 V
IOUT = ±3.0 mA at
0.4
V (max)
VOUT(0)
Logical “0” Output Voltage
V+ = +3.8 V
OPEN- DRAIN DIGITAL OUTPUTS (SMBData, RESET#, CI, INT#, THERM#)
VOUT(0)
Logical “0” Output Voltage (SMBData)
IOUT = −755 μA
0.4
V (min)
VOUT(0)
Logical “0” Output Voltage (Others)
IOUT = −3 mA
0.4
V (min)
IOH
High Level Output Current
VOUT = V
+
5
12
μA (max)
RESET# and Chassis Intrusion
45
20
ms (min)
Pulse Width
DIGITAL INPUTS: VID0–VID4, NTEST_IN, ADD/NTEST_OUT, Chassis Intrusion (CI)
VIN(1)
Logical “1” Input Voltage
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
0.8
V (max)
SMBus DIGITAL INPUTS (SMBCLK, SMBData)
VIN(1)
Logical “1” Input Voltage
2.1
V (min)
VIN(0)
Logical “0” Input Voltage
0.8
V (max)
VHYST
Input Hysteresis Voltage
243
mV
Tach Pulse Logic Inputs (FAN1, FAN2)
VIN(1)
Logical “1” Input Voltage
0.7 × V+
V (min)
VIN(0)
Logical “0” Input Voltage
0.3 × V+
V (max)
ALL DIGITAL INPUTS
IIN(1)
Logical “1” Input Current
VIN = V
+
−12
μA (min)
IIN(0)
Logical “0” Input Current
VIN = 0 VDC
12
μA (max)
CIN
Digital Input Capacitance
20
pF
(9)
The total fan count is based on 2 pulses per revolution of the fan tachometer output.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com