Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM87 Datasheet HTML 30Page - Texas Instruments LM87 Datasheet HTML 31Page - Texas Instruments LM87 Datasheet HTML 32Page - Texas Instruments LM87 Datasheet HTML 33Page - Texas Instruments LM87 Datasheet HTML 34Page - Texas Instruments LM87 Datasheet HTML 35Page - Texas Instruments LM87 Datasheet HTML 36Page - Texas Instruments LM87 Datasheet HTML 37Page - Texas Instruments LM87 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
LM87
SNAS034J – APRIL 2000 – REVISED MARCH 2013
www.ti.com
Interrupt Status Register 1 Mirror—Address 4Ch
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read Only
Description
0
+2.5Vin
Read Only
A one indicates a High or Low limit has been exceeded.
1
Vccp1
Read Only
A one indicates a High or Low limit has been exceeded.
2
Vcc
Read Only
A one indicates a High or Low limit has been exceeded.
3
+5Vin
Read Only
A one indicates a High or Low limit has been exceeded.
4
Int. Temp.
Read Only
A one indicates a High or Low limit has been exceeded.
5
Ext. Temp.
Read Only
A one indicates a High or Low limit has been exceeded.
6
FAN1/AIN1
Read Only
A one indicates the fan count limit has been exceeded or an AIN1 High or Low limit has been
exceeded.
7
FAN2/AIN2
Read Only
A one indicates the fan count limit has been exceeded or an AIN2 High or Low limit has been
exceeded.
nterrupt Status Register 2 Mirror—Address 4Dh
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read Only
Description
0
+12Vin
Read Only
A one indicates a High or Low limit has been exceeded.
1
Vccp2
Read Only
A one indicates a High or Low limit has been exceeded.
2
Reserved
Read Only
3
Reserved
Read Only
4
CI
Read Only
A one indicates the CI (Chassis Intrusion) input has gone high.
5
THERM#
Read Only
A one indicates the THERM# input has been pulled low by external circuitry.
6
D1 Fault
Read Only
A one indicates the D1 inputs are shorted to Vcc or open circuit.
7
D2 Fault
Read Only
A one indicates the D2 inputs are shorted to Vcc or open circuit.
SMBALERT# Enable—Address 80h
Power on default – <7:0> = 0010 0000 binary
Bit
Name
Read/Write
Description
0
Reserved
Read Only
1
Reserved
Read Only
2
Reserved
Read Only
3
Reserved
Read Only
4
Reserved
Read Only
5
Reserved
Read Only
6
SMBALERT#
Read/Write
A one enables the SMBALERT# mode of operation.
Enable
7
Reserved
Read Only
34
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com