Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM87 Datasheet HTML 3Page - Texas Instruments LM87 Datasheet HTML 4Page - Texas Instruments LM87 Datasheet HTML 5Page - Texas Instruments LM87 Datasheet HTML 6Page - Texas Instruments LM87 Datasheet HTML 7Page - Texas Instruments LM87 Datasheet HTML 8Page - Texas Instruments LM87 Datasheet HTML 9Page - Texas Instruments LM87 Datasheet HTML 10Page - Texas Instruments LM87 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
LM87
www.ti.com
SNAS034J – APRIL 2000 – REVISED MARCH 2013
AC Electrical Characteristics
The following specifications apply for +2.8 VDC ≤V
+ ≤ +3.8 V
DC on SMBCLK and SMBData, unless otherwise specified.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits T A = TJ = 25°C.
(1)
Typical
Limits
Units
Symbol
Parameter
Conditions
(2)
(3)
(Limits)
SERIAL BUS TIMING CHARACTERISTICS
t 1
SMBCLK (Clock) Period
2.5
μs (min)
trise
SMBCLK and SMBData Rise Time
1
μs (max)
tfall
SMBCLK and SMBData Fall Time
300
ns (max)
t 2
Data In Setup Time to SMBCLK High
100
ns (min)
100
ns (min)
t 3
Data Out Stable After SMBCLK Low
300
ns (max)
t 4
SMBData Low Setup Time to SMBCLK Low (start)
100
ns (min)
t 5
SMBData High Hold Time After SMBCLK High
100
ns (min)
(stop)
31
ms
SMBCLK low time required to reset the Serial Bus
tTIMEOUT
25
ms (min)
Interface to the Idle State
35
ms (max)
CL
Capacitive Load on SMBCLK and SMBData
80
pF (max)
(1)
Timing specifications are tested at the specified logic levels, VIL for a falling edge and VIH for a rising edge.
(2)
Typicals are at TJ = TA = 25 °C and represent most likely parametric norm.
(3)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
Figure 1. Serial Bus Timing Diagram
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com