Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 35 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM87 Datasheet HTML 31Page - Texas Instruments LM87 Datasheet HTML 32Page - Texas Instruments LM87 Datasheet HTML 33Page - Texas Instruments LM87 Datasheet HTML 34Page - Texas Instruments LM87 Datasheet HTML 35Page - Texas Instruments LM87 Datasheet HTML 36Page - Texas Instruments LM87 Datasheet HTML 37Page - Texas Instruments LM87 Datasheet HTML 38Page - Texas Instruments LM87 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
LM87
www.ti.com
SNAS034J – APRIL 2000 – REVISED MARCH 2013
Value RAM—Address 19h–3Fh
Address A6–A0
Description
19h
DAC data register; power on default <7:0>=1111 1111 binary
1Ah
AIN1 Low Limit
1Bh
AIN2 Low Limit
20h
+2.5V/External Temperature 2 reading
21h
Vccp1 reading
22h
+Vcc reading
23h
+5V reading
24h
+12V reading
25h
Vccp2 reading
26h
External Temperature 1 reading
27h
Internal Temperature reading
28h
FAN1/AIN1 reading
Note: For the FAN reading, this location stores the number of counts of the internal clock per revolution.
29h
FAN2/AIN2 reading
Note: For the FAN reading, this location stores the number of counts of the internal clock per revolution.
2Ah
Reserved
2Bh
+2.5V High Limit/External Temperature 2 High Limit
2Ch
+2.5V Low Limit/External Temperature 2 Low Limit
2Dh
Vccp1 High Limit
2Eh
Vccp1 Low Limit
2Fh
+3.3V High Limit
30h
+3.3V Low Limit
31h
+5V High Limit
32h
+5V Low Limit
33h
+12V High Limit
34h
+12V Low Limit
35h
Vccp2 High Limit
36h
Vccp2 Low Limit
37h
External Temperature 1 High Limit
38h
External Temperature 1 Low Limit
39h
Internal Temperature High Limit
3Ah
Internal Temperature Low Limit
FAN1Count Limit/AIN1 High Limit
3Bh
Note: It is the number of counts of the internal clock for the Low Limit of the fan speed.
FAN2 Fan Count Limit/AIN2 High Limit
3Ch
Note: It is the number of counts of the internal clock for the Low Limit of the fan speed.
3Dh
Reserved
3Eh
Company Identification. The number in this register identifies Texas Instruments LM87 (0000 0010)
3Fh
Stepping Register LM87 revision number 06h(0000 0110)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com