Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 1 Page - Texas Instruments

  LM87 Datasheet HTML 1Page - Texas Instruments LM87 Datasheet HTML 2Page - Texas Instruments LM87 Datasheet HTML 3Page - Texas Instruments LM87 Datasheet HTML 4Page - Texas Instruments LM87 Datasheet HTML 5Page - Texas Instruments LM87 Datasheet HTML 6Page - Texas Instruments LM87 Datasheet HTML 7Page - Texas Instruments LM87 Datasheet HTML 8Page - Texas Instruments LM87 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
LM87
www.ti.com
SNAS034J – APRIL 2000 – REVISED MARCH 2013
LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
Check for Samples: LM87
1
FEATURES
DESCRIPTION
The LM87 is a highly integrated data acquisition
234
•
Remote diode temperature sensing (2
system for hardware monitoring of servers, Personal
channels)
Computers, or virtually any microprocessor-based
•
8 positive voltage inputs with scaling resistors
system. In a PC, the LM87 can be used to monitor
for monitoring +5 V, +12 V, +3.3 V, +2.5 V,
power supply voltages, motherboard and processor
Vccp power supplies directly
temperatures, and fan speeds. Actual values for
these inputs can be read at any time. Programmable
•
2 inputs selectable for fan speed or voltage
WATCHDOG limits in the LM87 activate a fully
monitoring
programmable and maskable interrupt system with
•
8-bit DAC output for controlling fan speed
two outputs (INT# and THERM#).
•
Chassis Intrusion Detector input
The LM87 has an on-chip digital output temperature
•
WATCHDOG comparison of all monitored
sensor with 8-bit resolution as well as the capability of
values
monitoring 2 external diode temperatures to 8-bit
resolution, an 8 channel analog input ADC with 8-bit
•
SMBus™ or I2C Serial Bus interface
resolution and an 8-bit DAC. A channel on the ADC
compatibility
measures the supply voltage applied to the LM87,
•
VID0-VID4 or IRQ0-IRQ4 monitoring inputs
nominally 3.3 V. Two of the ADC inputs can be
•
On chip temperature sensor
redirected to a counter that can measure the speed of
up to 2 fans. A slow speed
ΣΔ ADC architecture
APPLICATIONS
allows stable measurement of signals in an extremely
noisy environment. The DAC, with a 0 to 2.5 V output
•
System Thermal and Hardware Monitoring for
voltage range, can be used for fan speed control.
Servers, Workstations and PCs
Additional inputs are provided for Chassis Intrusion
•
Networking and Telecom Equipment
detection circuits, and VID monitor inputs. The VID
monitor inputs can also be used as IRQ inputs if VID
•
Office Electronics
monitoring is not required. The LM87 has a Serial
•
Electronic Test Equipment and
Bus interface that is compatible with SMBus™ and
Instrumentation
I2C™.
KEY SPECIFICATIONS
Connection Diagram
•
Voltage Monitoring Error ±2 % (max)
•
External Temperature Error ±4 °C (max)
•
Internal Temperature Error
–
−40 °C to +125 °C ± 3 °C (typ)
•
Supply Voltage Range 2.8 to 3.8 V
•
Supply Current 0.7 mA (typ)
•
ADC and DAC Resolution 8 Bits
•
Temperature Resolution 1.0 °C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SMBus is a trademark of Intel Corporation.
3
I2C is a trademark of dcl_owner.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM87

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM87 NSC-LM87 Datasheet
470Kb / 32P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Texas Instruments
LM87 TI1-LM87 Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
National Semiconductor ...
LM87CIMT NSC-LM87CIMT Datasheet
470Kb / 32P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Texas Instruments
LM87CIMT TI1-LM87CIMT Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
LM87CIMT/NOPB TI1-LM87CIMT/NOPB Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
More results

Similar Description - LM87

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM87 NSC-LM87 Datasheet
470Kb / 32P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Analog Devices
ADM1024 AD-ADM1024 Datasheet
285Kb / 28P
System Hardware Monitor with Remote Diode Thermal Sensing
REV.0
logo
National Semiconductor ...
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024 Datasheet
315Kb / 29P
System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
logo
Texas Instruments
AMC80 TI1-AMC80 Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
NCT80 ONSEMI-NCT80 Datasheet
274Kb / 28P
Hardware Monitor with I2C Serial Interface
July, 2012 ??Rev. 0
logo
Texas Instruments
LM87 TI1-LM87 Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024_16 Datasheet
256Kb / 30P
System Hardware Monitor with Remote Diode Thermal Sensing
January, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com