Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM87 Datasheet HTML 8Page - Texas Instruments LM87 Datasheet HTML 9Page - Texas Instruments LM87 Datasheet HTML 10Page - Texas Instruments LM87 Datasheet HTML 11Page - Texas Instruments LM87 Datasheet HTML 12Page - Texas Instruments LM87 Datasheet HTML 13Page - Texas Instruments LM87 Datasheet HTML 14Page - Texas Instruments LM87 Datasheet HTML 15Page - Texas Instruments LM87 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
LM87
SNAS034J – APRIL 2000 – REVISED MARCH 2013
www.ti.com
Internal Registers of the LM87
Table 1. The internal registers and their corresponding internal LM87 addresses are as follows:
Register
LM87 Internal Hex
Power on
Notes
Address
Value
Internal Temp. Hardware High
13h
0100 0110
70 °C Default - User adjustable. Lockable by setting bit 1
Limit
of register 4Ah.
External Temp. Hardware High
14h
0101 0101
85 °C Default - User adjustable. Lockable by setting bit 2
Limit
of register 4Ah.
Test Register
15h
0000 0000
Channel Mode Register
16h
0000 0000
Internal Temp. Hardware High
17h
0100 0110
70 °C Default - User adjustable.
Limit
External Temp. Hardware High
18h
0101 0101
85 °C Default - User adjustable.
Limit
Value RAM DAC Data Register
19h
1111 1111
Defaults to full scale DAC setting.
Value RAM
1Ah-3Fh
(See Value RAM—Address 19h–3Fh) Contains: monitoring
results (temperature, voltages, fan counts), WATCHDOG
limits, and Company/Stepping IDs
Company ID
3Eh
0000 0010
This designates the Texas Instruments LM87.
Revision
3Fh
0000 0110
Revisions of this device will start with 1 and increment by
one.
Configuration Register 1
40h
0000 1000
Interrupt Status Register 1
41h
0000 0000
Interrupt Status Register 2
42h
0000 0000
Interrupt Mask Register 1
43h
0000 0000
Interrupt Mask Register 2
44h
0000 0000
CI Clear Register
46h
0000 0000
VID0-3/Fan Divisor Register
47h
0101 XXXX
The upper four bits set the divisor for Fan Counters 1 and
2. The lower four bits reflect the state of the VID0-VID3
inputs.
VID4 Register
49h
1000 000X
The lower bit reflects the state of VID4 input.
Configuration Register 2
4Ah
0000 0000
Interrupt Status Register 1
4Ch
0000 0000
Mirror
Interrupt Status Register 2
4Dh
0000 0000
Mirror
SMBALERT# Enable
80h
0010 0000
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com