Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 33 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM87 Datasheet HTML 29Page - Texas Instruments LM87 Datasheet HTML 30Page - Texas Instruments LM87 Datasheet HTML 31Page - Texas Instruments LM87 Datasheet HTML 32Page - Texas Instruments LM87 Datasheet HTML 33Page - Texas Instruments LM87 Datasheet HTML 34Page - Texas Instruments LM87 Datasheet HTML 35Page - Texas Instruments LM87 Datasheet HTML 36Page - Texas Instruments LM87 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
LM87
www.ti.com
SNAS034J – APRIL 2000 – REVISED MARCH 2013
VID0-3/Fan Divisor Register—Address 47h
Power on default – <7:4> is 0101, and <3:0>is mapped to VID <3:0>
Bit
Name
Read/Write
Description
0-3 VID <3:0>
Read Only
The VID <3:0> inputs from the Pentium/PRO power supplies that indicate the operating voltage
(e.g. 1.5 V to 2.9 V).
4-5 FAN1 RPM Control Read/Write
FAN1 Speed Control.
<5:4> = 00 - divide by 1;
<5:4> = 01 - divide by 2;
<5:4> = 10 - divide by 4;
<5:4> = 11 - divide by 8.
6-7 FAN2 RPM Control Read/Write
FAN2 Speed Control.
<7:6> = 00 - divide by 1;
<7:6> = 01 - divide by 2;
<7:6> = 10 - divide by 4;
<7:6> = 11 - divide by 8.
VID4 Register—Address 49h
Power on default – <7:1> = 100 000, <0> = VID4.
Bit
Name
Read/Write
Description
0
VID4
Read Only
Bit 4 of VID data from the CPU or power supply that indicates the operating voltage (e.g. 1.5
V to 2.9 V).
1-7 Reserved
Read/Write
Configuration Register 2—Address 4Ah
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
Thermal INT# Mask
Read/Write
When this bit is set to 1, thermal error events will not affect the INT# interrupt output.
THERM# outputs will still function normally.
1
Local Temp. Register
Read/Write
When set to 1, this bit locks in the value set in the Internal Temp. high limit register at 0x13h.
Write Once Bit
Once
The value cannot be changed until a power on reset is performed, or the chip is re-Initialized
by writing a 1 to Bit 7 of Configuration Register 1 (Register 40h).
2
Remote Temp.
Read/Write
When set to 1, this bit locks in the value set in the External Temp. high limit register at
Register Write Once
Once
0x14h. The value cannot be changed until a power on reset is performed, or the chip is re-
Bit
Initialized by writing a 1 to Bit 7 of Configuration Register 1 (Register 40h).
3
THERM# Interrupt
Read/Write
When set to 0, the THERM# output functions in Default mode. When set to 1, the THERM#
Mode
output functions in ACPI mode.
4-5
Reserved
6
IRQ3 Enable
Read/Write
When set to 1, VID3/IRQ3 is enabled as an active high interrupt input (if the IRQEN bit is set
in bit 7 of the Channel Mode Register).
7
IRQ4 Enable
Read/Write
When set to 1, VID4/IRQ4 is enabled as an active high interrupt input (if the IRQEN bit is set
in bit 7 of the Channel Mode Register).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com