Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 5 Page - Texas Instruments

  LM87 Datasheet HTML 1Page - Texas Instruments LM87 Datasheet HTML 2Page - Texas Instruments LM87 Datasheet HTML 3Page - Texas Instruments LM87 Datasheet HTML 4Page - Texas Instruments LM87 Datasheet HTML 5Page - Texas Instruments LM87 Datasheet HTML 6Page - Texas Instruments LM87 Datasheet HTML 7Page - Texas Instruments LM87 Datasheet HTML 8Page - Texas Instruments LM87 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
LM87
www.ti.com
SNAS034J – APRIL 2000 – REVISED MARCH 2013
DC Electrical Characteristics
The following specifications apply for +2.8 VDC ≤ V
+ ≤ +3.8 V
DC, Analog voltage inputs RS = 510 Ω, unless otherwise specified.
Boldface limits apply for TA = T J = TMIN to TMAX; all other limits TA = TJ = 25 °C.
(1)
Typical
Limits
Units
Symbol
Parameter
Conditions
(2)
(3)
(Limits)
POWER SUPPLY CHARACTERISTICS
Normal Mode, Interface
0.7
2.0
mA (max)
Inactive
I+
Supply Current
Shutdown Mode
0.5
mA
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
Temperature Error using Internal Diode
±3
°C
Temperature Error using Remote Pentium Diode
0 °C
≤ TA ≤ +125 °C, Vcc =
±3
°C (max)
Sensor (4) and (5)
3.3 Vdc
Temperature Error using Remote 2N3904 Sensor
−40 °C ≤ TA ≤ +125 °C, Vcc
±4
°C (max)
(4) and (5)
= 3.3 Vdc
Resolution
8 bits
1.0
°C (min)
LM87 ANALOG-TO-DIGITAL CONVERTER CHARACTERISTICS
Resolution
8
bits
TUE
Total Unadjusted Error
(6)
±2
% (max)
DNL
Differential Non-Linearity
±1
LSB (max)
tC
Total Monitoring Cycle Time
(7)
0.28
sec
ADC INPUT CHARACTERISTICS
Input Resistance (All analog inputs except AIN1
130
90
k
Ω (min)
and AIN2)
AIN1 and AIN2 DC Input Current
12
μA
DAC CHARACTERISTICS
Resolution
8
Bits
0 °C
≤ TA ≤ +75 °C, V
+ = 3.3
-3.3
% (min)
V, Code = 255
V+ = 3.3 V, 3/4 Scale, code
+3.7
%
DAC Error
192
0 °C
≤ TA ≤ +75 °C, V, V
+ =
±3
% (max)
3.3 V, Code = 8(8)
RL
Output Load Resistance
VO = 2.5 V
1250
Ω (min)
CL
Output Load Capacitance
20
pF (max)
(1)
Parasitics and or ESD protection circuitry are shown in Figure 2 for the LM87's pins. The nominal breakdown voltage of the zener D3 is
6.5 V. Care should be taken not to forward bias the parasitic diode, D1, present on pins: A0/NTEST_OUT, A1 and DACOut/NTEST_IN.
Doing so by more than 50 mV may corrupt a temperature or voltage measurement.
(2)
Typicals are at TJ = TA = 25 °C and represent most likely parametric norm.
(3)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(4)
The Temperature Error specification does not include an additional error of ±1°C, caused by the quantization error.
(5)
The Temperature Error will vary less than ±1°C over the operating Vcc range of 2.8V to 3.8V.
(6)
TUE (Total Unadjusted Error) includes Offset, Gain and Linearity errors of the ADC.
(7)
Total Monitoring Cycle Time includes all diode checks, temperature conversions and analog input voltage conversions. Fan tachometer
readings are determined separately and do not affect the completion of the monitoring cycle.
(8)
This is the lowest DAC code specified to give a non-zero DAC output.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com