Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 30 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM87 Datasheet HTML 26Page - Texas Instruments LM87 Datasheet HTML 27Page - Texas Instruments LM87 Datasheet HTML 28Page - Texas Instruments LM87 Datasheet HTML 29Page - Texas Instruments LM87 Datasheet HTML 30Page - Texas Instruments LM87 Datasheet HTML 31Page - Texas Instruments LM87 Datasheet HTML 32Page - Texas Instruments LM87 Datasheet HTML 33Page - Texas Instruments LM87 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
LM87
SNAS034J – APRIL 2000 – REVISED MARCH 2013
www.ti.com
Test Register—Address 15h
Power on default – <7:0> = 00000000 binary
Bit
Name
Read/Write
Description
0
Shutdown
Read/Write
A one places the LM87 in a lower power "Shutdown" mode.
1
Reserved
Read/Write
2
Reserved
Read/Write
3
Reserved
Read/Write
4
Reserved
Read/Write
5
Reserved
Read/Write
6
Reserved
Read/Write
7
Reserved
Read/Write
Channel Mode Register—Address 16h
Power on default – <7:0> = 00000000 binary
Bit
Name
Read/Write
Description
0
FAN1/AIN1
Read/Write
A one enables the input as AIN1, a zero enables the input as FAN1.
1
FAN2/AIN2
Read/Write
A one enables the input as AIN2, a zero enables the input as FAN2.
2
2.5V, VCCP2/D2
Read/Write
A one enables the 2.5V, VCCP2/D2 inputs as a second remote diode temperature input.
3
Int. VCC Range
Read/Write
A one configures the LM87 for 5.0V VCC measurement. A zero configures it for 3.3V VCC
measurement.
4
IRQ0 EN
Read/Write
A one enables pin 24 as an active low interrupt input. Bit 7 must also be set to configure the
VID/IRQ inputs to IRQ mode.
5
IRQ1 EN
Read/Write
A one enables pin 23 as an active low interrupt input. Bit 7 must also be set to configure the
VID/IRQ inputs to IRQ mode.
6
IRQ2 EN
Read/Write
A one enables pin 22 as an active low interrupt input. Bit 7 must also be set to configure the
VID/IRQ inputs to IRQ mode.
7
VID/IRQ
Read/Write
A one configures the VID/IRQ inputs as Interrupt Inputs. A zero configures the VID/IRQ inputs as
VID inputs only.
30
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com