Electronic Components Datasheet Search
  English  ▼

X  

LM87 Datasheet(PDF) 31 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM87 Datasheet HTML 27Page - Texas Instruments LM87 Datasheet HTML 28Page - Texas Instruments LM87 Datasheet HTML 29Page - Texas Instruments LM87 Datasheet HTML 30Page - Texas Instruments LM87 Datasheet HTML 31Page - Texas Instruments LM87 Datasheet HTML 32Page - Texas Instruments LM87 Datasheet HTML 33Page - Texas Instruments LM87 Datasheet HTML 34Page - Texas Instruments LM87 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
LM87
www.ti.com
SNAS034J – APRIL 2000 – REVISED MARCH 2013
Configuration Register 1—Address 40h
Power on default – <7:0> = 00001000 binary
Bit
Name
Read/Write
Description
0
Start
Read/Write
A one enables startup of monitoring operations, a zero puts the part in standby mode.
Note: The outputs of Interrupt pins will not be cleared if the user writes a zero to this location after
an interrupt has occurred, unlike the “INT_Clear” bit.
At start up, limit checking functions and scanning begin. Note, all limits should be set in the Value
RAM before setting this bit HIGH.
1
INT# Enable
Read/Write
A one enables the INT# Interrupt output.
2
THERM# Enable
Read/Write
A one enables the THERM# Interrupt output.
3
INT#_Clear
Read/Write
A one disables the INT# output without affecting the contents of Interrupt Status Registers. The
device will stop monitoring. It will resume upon clearing of this bit.
4
RESET#
Read/Write
A one outputs a 20 ms minimum active low reset signal at RESET#. This bit is cleared once the
pulse has gone inactive.
5
Reserved
Read/Write
6
THERM#_Clear
Read/Write
A one disables the THERM# output without affecting the contents of Interrupt Status Registers.
7
INITIALIZATION
Read/Write
A one restores power on default values to the Configuration Register, Interrupt Status Registers,
Interrupt Mask Registers, CI Clear Register, VID/Fan Divisor Register, VID4, Temperature
Configuration Register, and the Extended Mode Registers. This bit clears itself since the power on
default is zero.
Interrupt Status Register 1—Address 41h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
+2.5Vin
Read Only
A one indicates a High or Low limit has been exceeded.
1
Vccp1
Read Only
A one indicates a High or Low limit has been exceeded.
2
Vcc
Read Only
A one indicates a High or Low limit has been exceeded.
3
+5Vin
Read Only
A one indicates a High or Low limit has been exceeded.
4
Int. Temp.
Read Only
A one indicates a High or Low limit has been exceeded.
5
Ext. Temp.
Read Only
A one indicates a High or Low limit has been exceeded.
6
FAN1/AIN1
Read Only
A one indicates the fan count limit has been exceeded or an AIN1 High or Low limit has been
exceeded.
7
FAN2/AIN2
Read Only
A one indicates the fan count limit has been exceeded or an AIN2 High or Low limit has been
exceeded.
Interrupt Status Register 2—Address 42h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
+12Vin
Read Only
A one indicates a High or Low limit has been exceeded.
1
Vccp2
Read Only
A one indicates a High or Low limit has been exceeded.
2
Reserved
Read Only
3
Reserved
Read Only
4
CI
Read Only
A one indicates the CI (Chassis Intrusion) input has gone high.
5
THERM#
Read Only
A one indicates the THERM# input has been pulled low by external circuitry.
6
D1 Fault
Read Only
A one indicates the D1 inputs are shorted to Vcc or open circuit.
7
D2 Fault
Read Only
A one indicates the D2 inputs are shorted to Vcc or open circuit.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com