Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 14 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 14 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 10Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 11Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 12Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 13Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 14Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 15Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 16Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 17Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 18Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Contact
backshells@amphenolpcd.com
14
GASKET
5015 CONNECTORS
M85049
/130
-02
F
SERIES
SLASH SHEET
DASH NUMBER
BASE MATERIAL
Table A
F: Blue
N: Black
S: Red
V: Black
TABLE A
Dash Number
A
B
C
D
±0.015
±0.381
+0.02 / -0
+0.50 / -0
±0.015
±0.381
±0.010
±0.254
inch
mm
inch
mm
inch
mm
inch
mm
01
0.594
15.09
0.568
14.43
0.812
20.62
0.125
3.18
02
0.594
15.09
0.500
12.70
0.875
22.23
0.156
3.96
03
0.625
15.88
0.603
15.32
0.896
22.76
0.125
3.18
04
0.719
18.26
0.680
17.27
0.937
23.80
0.125
3.18
05
0.719
18.26
0.625
15.88
1.000
25.40
0.156
3.96
05A
0.717
18.21
0.717
18.21
1.000
25.40
0.165
4.19
06
0.750
19.05
0.750
19.05
1.023
25.98
0.125
3.18
07
0.812
20.62
0.875
22.23
1.060
26.92
0.141
3.58
08
0.812
20.62
0.828
21.03
1.114
28.30
0.125
3.18
09
0.813
20.65
0.750
19.05
1.094
27.79
0.141
3.58
10
0.843
21.41
0.875
22.23
1.138
28.91
0.125
3.18
11
0.906
23.01
1.005
25.53
1.153
29.29
0.125
3.18
12
0.906
23.01
0.938
23.83
1.125
28.58
0.125
3.18
13
0.906
23.01
0.875
22.23
1.188
30.18
0.156
3.96
13A
0.906
23.01
0.969
24.61
1.181
30.00
0.165
4.19
14
0.969
24.61
1.135
28.83
1.258
31.95
0.156
3.96
15
0.969
24.61
1.063
27.00
1.250
31.75
0.125
3.18
16
0.969
24.61
1.000
25.40
1.281
32.54
0.156
3.96
16A
0.969
24.61
1.079
27.41
1.280
32.51
0.165
4.19
17
1.015
25.78
1.125
28.58
1.383
35.13
0.125
3.18
18
1.062
26.97
1.260
32.00
1.351
34.32
0.156
3.96
19
1.062
26.97
1.189
30.20
1.343
34.11
0.125
3.18
20
1.062
26.97
1.135
28.83
1.375
34.93
0.156
3.96
20A
1.063
27.00
1.213
30.81
1.378
35.00
0.165
4.19
BACKSHELL ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com