Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 23 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 23 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 19Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 20Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 21Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 22Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 23Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 24Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 25Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 26Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 27Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Visit
amphenolpcd.com for more information
23
MS25043 RECEPTACLE DUST CAPS
AS50151
MS25043
10
D
Designates Receptacle Dust Cover
ACCESSORY SHELL SIZE
FINISH
8
10
12
14
16
18
20
22
24
28
32
36
40
44
48
D: Cadmium Olive Drab over Electroless Nickel
DA: Hard Anodic Black
DZ: Black Zinc Nickel
TABLE A
Accessory
Shell Size
A
Thread-2B
B Max.
C Max.
L Max. Length
E Attachment Length
L Max.
± 1mm
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
8
0.500-28 UNEF
11.9
0.46
17.5
0.68
3.4
0.13
101.6
4
19.1
0.75
10
0.625-24 UNEF
11.9
0.46
20.7
0.81
3.4
0.13
101.6
4
19.1
0.75
12
0.750-20 UNEF
11.9
0.46
25.4
1
3.4
0.13
114.3
4.5
19.1
0.75
14
0.875-20 UNEF
11.9
0.46
28.6
1.12
3.4
0.13
114.3
4.5
19.1
0.75
16
1.000-20 UNEF
11.9
0.46
30.2
1.18
3.4
0.13
114.3
4.5
19.1
0.75
18
1.125-18 UNEF
11.9
0.46
30.2
1.34
3.4
0.13
114.3
4.5
19.1
0.75
20
1.250-18 UNEF
11.9
0.46
30.2
1.46
3.4
0.13
127.0
5
19.1
0.75
22
1.375-18 UNEF
11.9
0.46
30.2
1.59
3.4
0.13
127.0
5
19.1
0.75
24
1.500-18 UNEF
11.9
0.46
30.2
1.72
4.2
0.16
139.7
5.5
19.1
0.75
28
1.750-18 UNEF
13.5
-.53
50.0
1.96
4.2
0.16
196.9
7.75
20.6
0.81
32
2.000-18 UNEF
13.5
-.53
56.4
2.22
4.6
0.18
196.9
7.75
20.6
0.81
36
2.250-16 UN
13.5
-.53
62.7
2.46
4.6
0.18
196.9
7.75
20.6
0.81
40
2.500-16 UN
13.5
-.53
69.0
2.71
4.6
0.18
196.9
7.75
20.6
0.81
44
2.750-16 UN
13.5
-.53
75.4
2.96
4.6
0.18
196.9
7.75
20.6
0.81
48
3.000-16 UN
13.5
-.53
81.0
3.18
4.6
0.18
196.9
7.75
20.6
0.81
DUST CAPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com