Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 9 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 9 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 5Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 6Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 7Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 8Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 9Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 10Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 11Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 12Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 13Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Visit
amphenolpcd.com for more information
9
FLANGE MOUNT
3/4 PERIMETER
M85049
/95
-10
A
SERIES
SLASH SHEET
ACCESSORY SHELL SIZE
FINISH
Table A
A - Polyamide primer coating as
per MIL-PRF-23377 type 1
Omit for chemical conversion coat-
ing per MIL-DTL-5541 class 1A
Accessory
Shell Size
Class
THREAD
UNJC-3B
A
B Max.
C
D
E
±0.005
±0.127
±0.015
±0.38
±0.030
±0.76
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
3
A
4r-40
0.625
15.88
0.940
23.88
0.641
16.28
0.106/0.166
2.69/4.22
0.325
8.26
7
A
4-40
0.719
18.26
1.034
26.26
0.688
17.48
0.106/0.166
2.69/4.22
0.433
11.00
8
A
4-40
0.594
15.09
0.900
22.86
0.570
14.48
0.106/0.166
2.69/4.22
0.308
7.82
10
A
4-40
0.719
18.26
1.034
26.26
0.720
18.29
0.106/0.166
2.69/4.22
0.433
11.00
10
B
6-32
0.812
20.62
1.202
30.53
0.749
19.02
0.123/0.183
3.12/4.65
0.433
11.00
12
A
4-40
0.812
20.62
1.119
28.42
0.855
21.72
0.106/0.166
2.69/4.22
0.530
13.46
12
B
6-32
0.938
23.83
1.327
33.71
0.938
23.83
0.123/0.183
3.12/4.65
0.530
13.46
14
A
4-40
0.906
23.01
1.213
30.81
1.031
24.99
0.106/0.166
2.69/4.22
0.624
15.85
14
B
6-32
1.031
26.19
1.421
36.09
0.984
26.19
0.123/0.183
3.12/4.65
0.624
15.85
16
A
4-40
0.969
24.61
1.295
32.89
1.094
27.79
0.106/0.166
2.69/4.22
0.687
17.45
16
B
6-32
1.125
28.58
1.515
38.48
1.125
28.58
0.123/0.183
3.12/4.65
0.687
17.45
18
A
4-40
1.062
26.97
1.421
36.09
1.220
30.99
0.106/0.166
2.69/4.22
0.780
19.81
18
B
6-32
1.203
30.56
1.593
40.46
1.234
31.34
0.123/0.183
3.12/4.65
0.780
19.81
19
A
4-40
0.906
23.01
1.207
30.66
0.953
24.21
0.106/0.166
2.69/4.22
0.620
15.75
20
A
4-40
1.156
29.36
1.550
39.37
1.345
34.16
0.106/0.166
2.69/4.22
0.874
22.20
20
B
6-32
1.297
32.94
1.703
43.26
1.359
34.52
0.123/0.183
3.12/4.65
0.865
21.97
22
A
4-40
1.250
31.75
1.680
42.67
1.478
37.54
0.106/0.166
2.69/4.22
0.968
24.59
22
B
6-32
1.375
34.93
1.753
44.53
1.483
37.67
0.123/0.183
3.12/4.65
0.907
23.04
24
A
6-32
1.500
38.10
1.906
48.41
1.560
39.62
0.123/0.183
3.12/4.65
1.000
25.40
24
B
6-32
1.375
34.93
1.800
45.72
1.595
40.51
0.123/0.183
3.12/4.65
1.031
26.19
25
A
6-32
1.500
38.10
1.906
48.41
1.658
42.11
0.123/0.183
3.12/4.65
1.125
28.58
27
A
4-40
0.969
24.61
1.270
32.26
1.094
27.79
0.106/0.166
2.69/4.22
0.683
17.35
28
A
6-32
1.562
39.67
2.015
51.18
1.820
46.23
0.123/0.183
3.12/4.65
1.125
28.58
32
A
6-32
1.750
44.45
2.327
59.11
2.062
52.37
0.123/0.183
3.12/4.65
1.188
30.18
36
A
6-32
1.938
49.23
2.515
63.88
2.312
58.72
0.123/0.183
3.12/4.65
1.375
34.93
37
A
4-40
1.187
30.15
1.515
38.48
1.281
32.54
0.106/0.166
2.69/4.22
0.874
22.20
61
A
4-40
1.437
36.50
1.827
46.41
1.594
40.49
0.106/0.166
2.69/4.22
1.062
26.97
BACKSHELL ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com