Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 6 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 6 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 2Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 3Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 4Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 5Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 6Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 7Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 8Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 9Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 10Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Contact
backshells@amphenolpcd.com
6
TABLE A
Accessory
Shell Size
Shell Size
Code
A Thread
Modified
P Hex.
Series III
Series IV
inch
Min.
Max.
Min.
Max.
1
09
-
M17 X 1-6H
16.04
16.15
21.82
24.0
2
11
-
M20 X 1-6H
19.07
19.15
24.99
27.0
3
13
11
M25 X 1-6H
-
-
29.77
32.0
4
15
12
M28 X 1-6H
-
-
32.91
36.0
5
-
15
M31 X 1-6H
-
-
39.26
41.0
6
17
-
M32 X 1-6H
-
-
36.12
37.0
7
-
17
M34 X 1-6H
-
-
39.25
41.0
8
19
-
M35 X 1-6H
-
-
39.25
41.0
9
21
19
M38 X 1-6H
-
-
42.47
46.0
10
23
21
M41 X 1-6H
-
-
45.61
50.0
11
25
23
M44 X 1-6H
-
-
49.25
51.0
12
-
23
M47 X 1-6H
-
-
55.0
53.54
HEXAGON PANEL NUT FOR SER-Ill & IV
MIL-DTL-38999 SERIES III AND IV
D38999
/28
-11
F
SERIES
SLASH NUMBER
COUPLING
FINISH
S: Self Lock
-: Spin
F: Electroless Nickel
W: Cadmium Olive Drab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com