Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 5 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 5 Page - Amphenol PCD, Inc

  D38999/28SW Datasheet HTML 1Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 2Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 3Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 4Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 5Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 6Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 7Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 8Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Visit
amphenolpcd.com for more information
5
GROMMET NUT
TABLE A
Accessory
Shell Size
Connector
Shell Size
A Ø Max.
B Ø Max.
C Max.
inch
mm
inch
mm
inch
mm
8
8
0.69
17.48
0.66
16.69
0.54
13.72
10
10
0.80
20.40
0.77
19.66
0.54
13.72
12
7/12
0.94
23.83
0.90
22.81
0.54
13.72
14
12/14
1.06
27.00
1.02
26.01
0.54
13.72
16
19/16
1.24
31.45
1.15
29.26
0.54
13.72
18
27/18
1.31
33.27
1.24
31.57
0.54
13.72
20
37/20
1.44
36.47
1.37
34.80
0.54
13.72
22
22
1.56
39.62
1.44
36.65
0.54
13.72
24
24
1.69
42.82
1.62
41.10
0.54
13.72
28
28
2.06
52.37
1.97
50.01
0.70
17.83
32
32
2.31
58.72
2.22
56.36
0.70
17.83
36
36
2.56
65.07
2.47
62.71
0.70
17.83
40
40
2.81
71.42
2.72
69.06
0.70
17.83
44
44
3.06
77.77
2.97
75.41
0.70
17.83
48
48
3.31
84.12
3.22
81.76
0.70
17.83
Connector Group J
STRAIGHT; SELF-LOCK/SPIN
26482 Series II; 5015 (MS345X); 83723 Series III
M85049
/31
-
10
W
SERIES
SLASH SHEET
COUPLING
ACCESSORY SHELL SIZE
FINISH
/31: Straight
S: Self Lock
-: Spin
Table A
A: Anodized, Black
N: Electroless Nickel
W: Cadmium Olive Drab
over Electroless Nickel
Z: Zinc-Cobalt, Black
BACKSHELL ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com