Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 25 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 25 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 21Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 22Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 23Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 24Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 25Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 26Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 27Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 28Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 29Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Visit
amphenolpcd.com for more information
25
TABLE A
Accessory
Shell Size
A Ø
B Ø Max.
J
Q Ø Max.
H Std. Length
+0.38
+12.70 / -6.35
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
9
20.83
0.82
17.78
0.7
2.67
0.105
21.84
0.85
76.20
3
11
23.88
0.94
21.34
0.84
2.67
0.105
24.89
0.97
76.20
3
13
27.94
1.1
25.65
1.00
2.67
0.105
29.46
1.15
88.90
3.5
15
30.99
1.22
28.96
1.14
2.67
0.105
32.51
1.27
88.90
3.5
17
34.05
1.34
32.00
1.25
2.67
0.105
35.81
1.40
88.90
3.5
19
37.08
1.45
35.31
1.39
2.67
0.105
38.61
1.52
88.90
3.5
21
40.13
1.57
38.35
1.50
2.67
0.105
41.91
1.65
101.60
4
23
43.18
1.7
41.66
1.64
2.67
0.105
44.96
1.77
101.60
4
25
46.48
1.82
44.70
1.75
3.51
0.13
48.01
1.8
101.60
4
JANMS27502 RECEPTACLE DUST CAPS
JANMS27502
B
11
C
L
Designates Receptacle
Dust Cover
FINISH
ACCESSORY SHELL SIZE
STYLE
LENGTH
B: Cadmium Olive Drab
C: Hard Anodic Black
F: Electroless Nickel
Z: Black Zinc Nickel
9
11
13
15
17
19
21
23
25
A: W/O Chain
C: W/ Chain
N: W/ Chain & Ring
L: 5 in. Chain /Rope in
lieu of standard length
(Omit for st. length “H”)
MIL-DTL-38999. Series I
DUST CAPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com