Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 27 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 27 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 22Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 23Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 24Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 25Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 26Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 27Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 28Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 29Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 30Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Visit
amphenolpcd.com for more information
27
TABLE A
Accessory
Shell Size
A Ø
B Ø Max.
C Ø Min.
H Std. Length
+12.70 / -6.35
mm
inch
mm
inch
mm
inch
mm
inch
8
16.00
0.62
19.05
0.75
22.61
0.89
76.20
3
10
19.33
0.76
21.82
0.85
25.65
1.00
76.20
3
12
23.77
0.93
26.19
1.03
28.96
1.14
88.90
3.5
14
27.28
1.07
29.36
1.15
32.0
1.25
88.90
3.5
16
29.77
1.17
32.54
1.28
35.31
1.39
88.90
3.5
18
33.12
1.30
35.71
1.40
38.35
1.50
88.90
3.5
20
36.45
1.43
38.89
1.53
41.66
1.64
101.60
4
22
39.62
1.55
41.68
1.64
44.70
1.75
101.60
4
24
42.88
1.68
44.86
1.76
48.0
1.88
101.60
4
JANMS27511 RECEPTACLE DUST CAPS
JANMS27511
B
10
A
L
Designates Receptacle
Dust Cover
FINISH
ACCESSORY SHELL SIZE
STYLE
LENGTH
B: Cadmium Olive Drab
C: Hard Anodic Black
F: Electroless Nickel
Z: Black Zinc Nickel
8
10
12
14
16
18
20
22
24
A: W/O Chain
C: W/ Chain
N: W/ Chain & Ring
R: S.S Rope
(3.28 max. 08 to 22 size)
(3.68 max. 24 size)
L: 5 in. Chain /Rope in
lieu of standard length
(Omit for st. length “H”)
MIL-DTL-38999, Series II
DUST CAPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com