Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 15 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 15 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 11Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 12Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 13Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 14Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 15Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 16Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 17Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 18Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 19Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Visit
amphenolpcd.com for more information
15
TABLE A
Dash Number
A
B
C
D
±0.015
±0.381
+0.02 / -0
+0.50 / -0
±0.015
±0.381
±0.010
±0.254
inch
mm
inch
mm
inch
mm
inch
mm
21
1.140
28.96
1.312
33.32
1.508
38.30
0.125
3.18
22
1.156
29.36
1.375
34.93
1.500
38.10
0.141
3.58
23
1.156
29.36
1.312
33.32
1.467
37.26
0.125
3.18
24
1.156
29.36
1.250
31.75
1.500
38.10
0.177
4.50
24
1.156
29.36
1.250
31.75
1.500
38.10
0.177
4.50
24A
1.157
29.39
1.346
34.19
1.496
38.00
0.165
4.19
25
1.187
30.15
1.266
32.16
1.458
37.03
0.125
3.18
26
1.250
31.75
1.500
38.10
1.625
41.28
0.141
3.58
27
1.250
31.75
1.437
36.50
1.562
39.67
0.125
3.18
28
1.250
31.75
1.375
34.93
1.625
41.28
0.177
4.50
28A
1.252
31.80
1.472
37.39
1.614
41.00
0.165
4.19
29
1.281
32.54
1.500
38.10
1.718
43.64
0.125
3.18
30
1.375
34.93
1.625
41.28
1.750
44.45
0.177
4.50
31
1.375
34.93
1.563
39.70
1.703
43.26
0.156
3.96
32
1.375
34.93
1.500
38.10
1.750
44.45
0.203
5.16
32A
1.374
34.90
1.610
40.89
1.752
44.50
0.165
4.19
33
1.392
35.36
1.625
41.28
1.818
46.18
0.141
3.58
34
1.436
36.47
1.570
39.88
1.799
45.69
0.125
3.18
35
1.500
38.10
1.750
44.45
1.875
47.63
0.177
4.50
36
1.562
39.67
1.750
44.45
2.000
50.80
0.203
5.16
36A
1.563
39.70
1.839
46.71
2.000
50.80
0.201
5.11
37
1.568
39.83
1.875
47.63
2.138
54.31
0.141
3.58
38
1.719
43.66
2.000
50.80
2.375
60.33
0.177
4.50
39
1.734
44.04
2.062
52.37
2.328
59.13
0.177
4.50
40
1.750
44.45
2.000
50.80
2.250
57.15
0.219
5.56
40A
1.752
44.50
2.102
53.39
2.244
57.00
0.201
5.11
41
1.906
48.41
2.250
57.15
2.625
66.68
0.219
5.56
42
1.938
49.23
2.250
57.15
2.500
63.50
0.219
5.56
42A
1.937
49.20
2.346
59.59
2.500
63.50
0.201
5.11
43
2.188
55.58
2.500
63.50
2.750
69.85
0.219
5.56
44
2.375
60.33
2.781
70.64
3.000
76.20
0.219
5.56
45
2.406
61.11
2.750
69.85
3.125
79.38
0.281
7.14
46
2.625
66.68
3.031
76.99
3.250
82.55
0.219
5.56
47
2.656
67.46
3.000
76.20
3.375
85.73
0.281
7.14
48
2.906
73.81
3.250
82.55
3.625
92.08
0.281
7.14
49
3.156
80.16
3.500
88.90
3.875
98.43
0.281
7.14
GASKET
5015 CONNECTORS
BACKSHELL ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com