Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 11 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 11 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 7Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 8Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 9Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 10Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 11Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 12Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 13Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 14Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 15Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Visit
amphenolpcd.com for more information
11
FLANGE MOUNT
1/4 PERIMETER
M85049
/96
-10
A
SERIES
SLASH SHEET
ACCESSORY SHELL SIZE
FINISH
Table A
A - Polyamide primer coating as
per MIL-PRF-23377 type 1
Omit for chemical conversion coat-
ing per MIL-DTL-5541 class 1A
TABLE A
Accessory
Shell Size
THREAD
UNJC-3B
A
B Max.
C Min.
D
E
F Ref.
G Max.
±0.005
±0.127
±0.005
±0.127
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
3
4-40
0.625
15.88
0.940
23.88
0.320
8.13
0.106/0.166 0.269/4.22
0.312
7.92
0.150
3.81
0.310
7.87
7
4-40
0.719
18.26
1.034
26.26
0.329
8.36
0.106/0.166 0.269/4.22
0.359
9.12
0.149
3.78
0.308
7.82
8
4-40
0.594
15.09
0.906
23.01
0.262
6.65
0.106/0.166 0.269/4.22
0.297
7.54
0.148
3.76
0.306
7.77
10
4-40
0.719
18.26
1.034
26.26
0.344
8.74
0.106/0.166 0.269/4.22
0.359
9.12
0.149
3.78
0.308
7.82
12
4-40
0.812
20.62
1.124
28.55
0.410
10.41
0.106/0.166 0.269/4.22
0.406
10.31
0.148
3.76
0.306
7.77
14
4-40
0.906
23.01
1.218
30.94
0.492
12.50
0.106/0.166 0.269/4.22
0.453
11.51
0.148
3.76
0.306
7.77
16
4-40
0.969
24.61
1.295
32.89
0.532
13.51
0.106/0.166 0.269/4.22
0.484
12.29
0.149
3.78
0.308
7.82
18
4-40
1.062
26.97
1.405
35.69
0.610
15.49
0.106/0.166 0.269/4.22
0.531
13.49
0.164
4.17
0.338
8.59
19
4-40
0.906
23.01
1.218
30.94
0.461
11.71
0.106/0.166 0.269/4.22
0.453
11.51
0.148
3.76
0.306
7.77
20
4-40
1.156
29.36
1.550
39.37
0.657
16.69
0.106/0.166 0.269/4.22
0.578
14.68
0.177
4.50
0.364
9.25
22
4-40
1.250
31.75
1.680
42.67
0.724
18.39
0.106/0.166 0.269/4.22
0.625
15.88
0.195
4.95
0.400
10.16
24
6-32
1.375
34.93
1.800
45.72
0.782
19.86
0.123/0.183 0.312/4.65
0.687
17.45
0.193
4.90
0.396
10.06
25
6-32
1.500
38.10
1.906
48.41
0.814
20.68
0.123/0.183 0.312/4.65
0.750
19.05
0.179
4.55
0.368
9.35
27
4-40
0.969
24.61
1.281
32.54
0.547
13.89
0.106/0.166 0.269/4.22
0.484
12.29
0.149
3.78
0.308
7.82
28
6-32
1.562
39.67
2.015
51.18
0.895
22.73
0.123/0.183 0.312/4.65
0.781
19.84
0.219
5.56
0.448
11.38
32
6-32
1.750
44.45
2.327
59.11
1.016
25.81
0.123/0.183 0.312/4.65
0.875
22.23
0.281
7.14
0.572
14.53
36
6-32
1.938
49.23
2.515
63.88
1.141
28.98
0.123/0.183 0.312/4.65
0.969
24.61
0.281
7.14
0.572
14.53
37
4-40
1.187
30.15
1.515
38.48
0.625
15.88
0.106/0.166 0.269/4.22
0.593
15.06
0.157
3.99
0.324
8.23
61
4-40
1.437
36.50
1.827
46.41
0.732
18.59
0.106/0.166 0.269/4.22
0.718
18.24
0.188
4.78
0.386
9.80
BACKSHELL ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com