Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 22 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 22 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 18Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 19Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 20Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 21Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 22Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 23Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 24Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 25Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 26Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Contact
backshells@amphenolpcd.com
22
MS25042 PLUG DUST CAPS
AS50151
MS25042
10
D
Designates Plug Dust Cover
ACCESSORY SHELL SIZE
FINISH
8
10
12
14
16
18
20
22
24
28
32
36
40
44
48
D: Cadmium Olive Drab over Electroless Nickel
DA: Hard Anodic Black
DZ: Black Zinc Nickel
TABLE A
Accessory
Shell Size
A Thread-2B
B Max.
C Max.
D Max.
E Attachment
F Ref.
G Ref.
H Min.
L Max.
± 1mm
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
8
0.500-28 UNEF
16.7
0.65
14.3
0.56
3.8
0.14
101.6
4
14.3
0.56
9.5
0.37
9.7
0.38
1.15
0.97
10
0.625-24 UNEF
21.4
0.84
17.4
0.68
3.8
0.14
101.6
4
14.3
0.56
0.75
0.46
9.7
0.38
1.15
0.97
12
0.750-20 UNEF
21.4
0.84
20.6
0.81
3.8
0.14
114.3
4.5
19.1
0.75
14.3
0.56
13.5
0.53
29.4
1.15
14
0.875-20 UNEF
21.4
0.84
23.8
0.93
3.8
0.14
114.3
4.5
19.1
0.75
17.5
0.68
13.5
0.53
29.4
1.15
16
1.000-20 UNEF
21.4
0.84
27.0
1.06
3.8
0.14
114.3
4.5
19.1
0.75
20.5
0.80
13.5
0.53
29.4
1.15
18
1.125-18 UNEF
21.4
0.84
30.1
1.18
3.8
0.14
114.3
4.5
19.1
0.75
23.8
0.93
13.5
0.53
29.4
1.15
20
1.250-18 UNEF
21.4
0.84
33.3
1.31
4.6
0.18
127.0
5
19.1
0.75
27.0
1.06
13.5
0.53
29.4
1.15
22
1.375-18 UNEF
21.4
0.84
36.5
1.43
4.6
0.18
127.0
5
19.1
0.75
30.2
1.18
13.5
0.53
29.4
1.15
24
1.500-18 UNEF
21.4
0.84
39.7
1.56
4.6
0.18
139.7
5.5
19.1
0.75
33.3
1.31
13.5
0.53
29.4
1.15
28
1.750-18 UNEF
21.4
0.84
46.0
1.81
4.6
0.18
196.9
7.75
19.1
0.75
38.9
1.53
13.5
0.53
29.4
1.15
32
2.000-18 UNEF
21.4
0.84
52.4
2.06
5.4
0.21
196.9
7.75
19.1
0.75
45.2
1.77
13.5
0.53
29.4
1.15
36
2.250-16 UN
21.4
0.84
58.7
2.31
5.4
0.21
196.9
7.75
19.1
0.75
50.8
2
13.5
0.53
29.4
1.15
40
2.500-16 UN
21.4
0.84
65.1
2.56
5.4
0.21
196.9
7.75
19.1
0.75
57.2
2.25
13.5
0.53
29.4
1.15
44
2.750-16 UN
21.4
0.84
71.4
2.81
5.4
0.21
196.9
7.75
19.1
0.75
63.5
2.5
15.0
0.59
29.4
1.15
48
3.000-16 UN
21.4
0.84
77.8
3.06
5.4
0.21
196.9
7.75
19.1
0.75
69.9
2.75
15.0
0.59
29.4
1.15
DUST CAPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com