Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 8 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 8 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 4Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 5Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 6Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 7Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 8Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 9Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 10Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 11Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 12Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Contact
backshells@amphenolpcd.com
8
FLANGE MOUNT
FULL PERIMETER
M85049
/94
-10
A
SERIES
SLASH SHEET
ACCESSORY SHELL SIZE
FINISH
Table A
A - Polyamide primer coating as
per MIL-PRF-23377 type 1
Omit for chemical conversion coat-
ing per MIL-DTL-5541 class 1A
TABLE A
Accessory
Shell Size
THREAD UNJC-3B
A ±0.015 (±0.38)
B. Max
C
D
inch
mm
inch
mm
inch
mm
inch
mm
8
4-40
0.594
15.09
0.900
22.86
0.555/0.585
14.10/14.86
0.106/0.166
2.69/4.22
10
4-40
0.719
18.26
1.034
26.26
0.685/0.735
17.40/18.67
0.106/0.166
2.69/4.22
12
4-40
0.812
20.62
1.119
28.42
0.820/0.860
20.83/21.84
0.106/0.166
2.69/4.22
14
4-40
0.906
23.01
1.213
30.81
0.945/0.990
24.00/25.15
0.106/0.166
2.69/4.22
16
4-40
0.969
24.61
1.295
32.89
1.070/1.100
27.18/27.94
0.106/0.166
2.69/4.22
18
4-40
1.062
26.97
1.421
36.09
1.195/1.225
30.35/30.99
0.106/0.166
2.69/4.22
20
4-40
1.156
29.36
1.550
39.37
1.320/1.350
33.53/34.29
0.106/0.166
2.69/4.22
22
4-40
1.250
31.75
1.680
42.67
1.440/1.485
36.58/37.72
0.106/0.166
2.69/4.22
24
6-32
1.375
34.93
1.800
45.72
1.570/1.600
39.88/40.64
0.123/0.183
3.12/4.65
25
6-32
1.500
38.10
1.910
48.51
1.643/1.673
41.73/42.49
0.123/0.183
3.12/4.65
TABLE B - MOUNTING FLANGE CONNECTOR APPLICATION DATA
Accessory
Shell Size
MIL-DTL-38999
AS50151
AS81703
SERIES 3
MIL-DTL-26482
SERIES 1& 2
MIL-DTL-83723
SERIES III
MIL-DTL-26500
NAS 1599
MIL-C-81511 MIL-DTL-27599
SERIES I
SERIES II
SERIES III
SERIES IV
CONNECTOR SHELL SIZE
8
8
8S
8
8
8
8
8
10
9
10
9(A)
10SL
7
10
10
10
10
10
12
11
12
11(B)
11(B)
12, 12S
12
12
12
12
12
14
13
14
13(C)
13(C)
14, 14S
19
14
14
14
14
14
16
15
16
15(D)
15(D)
16, 16S
27
16
16
16
16
16
18
17
18
17(E)
17(E)
18
18
18
18
18
18
20
19
20
19(F)
19(F)
20
20
20
20
20
20
22
21
22
21(G)
21(G)
22
22
22
22
22
22
24
23
24
23(H)
23(H)
24
24
24
24
24
24
25
25
25(J)
25(J)
BACKSHELL ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com