Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 10 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 10 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 6Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 7Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 8Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 9Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 10Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 11Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 12Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 13Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 14Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Contact
backshells@amphenolpcd.com
10
TABLE B – MOUNTING FLANGE CONNECTOR APPLICATION DATA
Accessory
Shell Size
MIL-DTL-38999
MIL-
DTL-5015
AS81703
SERIES 3
MIL-
DTL-26482
SERIES 1 & 2
MIL-
DTL-83723
SERIES III
MIL-
DTL-26500
NAS 1599
MIL-C-81511 MIL-DTL-27599
SERIES I
SERIES II
SERIES III
SERIES IV
CONNECTOR SHELL SIZE
3A
3
7A
7
8A
8
8S
8
8
8
8
8
10A
9
10
9 (A)
10SL
10
10
10
10
10
10B
12A
11
12
11 (B)
11 (B)
12, 12S
12
12
12
12
12
12B
14A
13
14
13 (C)
13 (C)
14, 14S
19
14
14
14
14
14
14B
16A
15
16
15 (D)
15 (D)
16, 16S
27
16
16
16
16
16
16B
18A
17
18
17 (E)
17 (E)
18
18
18
18
18
18
18B
20A
19
20
19 (F)
19 (F)
20
20
20
20
20
20
20B
22A
21
22
21 (G)
21 (G)
22
22
22
22
22
22
22B
24A
24B
23
24
23 (H)
23 (H)
24
24
24
24
24
24
25A
25
25 (J)
25 (J)
27A
28A
28
32A
36A
37A
37
61A
61
FLANGE MOUNT
3/4 PERIMETER
BACKSHELL ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com