Electronic Components Datasheet Search
  English  ▼

X  

D38999/28SW Datasheet(PDF) 24 Page - Amphenol PCD, Inc

Part # D38999/28SW
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

D38999/28SW Datasheet(HTML) 24 Page - Amphenol PCD, Inc

Back Button D38999/28SW Datasheet HTML 20Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 21Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 22Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 23Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 24Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 25Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 26Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 27Page - Amphenol PCD, Inc D38999/28SW Datasheet HTML 28Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Contact
backshells@amphenolpcd.com
24
JANMS27501 PLUG DUST CAPS
JANMS27501
B
11
C
L
Designates Plug Dust Cover
FINISH
ACCESSORY SHELL SIZE
STYLE
LENGTH
B: Cadmium Olive Drab
C: Hard Anodic Black
F: Electroless Nickel
Z: Black Zinc Nickel
9
11
13
15
17
19
21
23
25
C: W/ Chain
A: W/O Chain
L: 5 in. Chain
M: 6 in. Chain
N: 7 in. Chain
(Omit for standard length “H”)
MIL-DTL-38999, Series I
TABLE A
Accessory
Shell Size
A Ø
B Ø Max.
H Std. Length
+12.70 / -6.35
mm
inch
mm
inch
mm
inch
9
14.53
0.57
20.83
0.82
76.20
3
11
17.78
0.7
23.88
0.94
76.20
3
13
21.59
0.85
27.18
1.07
88.90
3.5
15
24.77
0.97
30.23
1.19
88.90
3.5
17
27.94
1.1
33.53
1.32
88.90
3.5
19
30.66
1.20
36.58
1.44
88.90
3.5
21
33.83
1.33
39.88
1.57
101.60
4
23
37.01
1.45
42.93
1.69
101.60
4
25
40.18
1.58
46.23
1.82
101.60
4
DUST CAPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com