Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 27 Page - Texas Instruments

Part # HD3SS3220RNHT
Description  HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 27 Page - Texas Instruments

Back Button HD3SS3220RNHT Datasheet HTML 23Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 24Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 25Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 26Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 27Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 28Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 29Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 30Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
7.2.1 Design Requirements
For this design example, use the parameters shown in Table 7-1.
Table 7-1. Design Parameters, DRP Port
PARAMETER
EXAMPLE
COMMENTS
VDD5
5.25V
VDD5 is used to provide VCONN power to CC pins. Value of this supply should
be ≥ 5V to keep VCONN ≥ 4.75V.
System_VBUS
5.25V
VDD5 and System_VBUS can be shorted together; however careful
consideration is needed to maintain desired VBUS and VCONN for the Type-C
port.
I2C I/O Supply
3.3V
1.8V is also an option.
When using the 3.3V supply, the customer must ensure that the VDD5 is 3V
and above. Otherwise the I2C may back power the device
VCC33
3.3V
3-3.6V range allowed.
AC Coupling Capacitors for SS signals
100nF
75-200nF range allowed.
For TX pairs only, RX pairs will be biased by host Receiver. Note that
HD3SS3220 requires a common mode biasing of 0-2V. If host receiver has
bias voltage outside this range, appropriate additional ac coupling caps and
biasing of HD3SS3220 RX pairs needed.
Pull-up Resistors: DIR, ID, INT_N,
VCONN_FAULT_N
200K
Smaller values can be used, but leakage needs to be considered for device
power budget calculations.
Pull-up Resistors: I2C
4.7K
Pull-up Resistors: CURRENT_MODE
10K
Example here is for 3A. If 1.5A or 900mA needed different values are required.
Series resistor: VBUS_DET
900K
Decoupling Capacitors: VCONN Bulk
100μF
Decoupling Capacitors: VBUS Bulk
150μF
As indicated in schematic needs to be switched out when in UFP.
7.2.2 Detailed Design Procedure
HD3SS3220 can be used to design a USB Type-C DRP Port. In DRP mode the device alternate itself as DFP
and UFP according to USB-C specifications. An example schematic for DRP implementation is illustrated in
Figure 7-1.
www.ti.com
HD3SS3220, HD3SS3220L
SLLSES1E – DECEMBER 2015 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: HD3SS3220 HD3SS3220L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com