Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 45 Page - Texas Instruments

Part # HD3SS3220RNHT
Description  HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 45 Page - Texas Instruments

Back Button HD3SS3220RNHT Datasheet HTML 40Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 41Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 42Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 43Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 44Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 45Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 46Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 47Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
www.ti.com
PACKAGE OUTLINE
C
30X
0.25
0.15
1.2 0.05
30X
0.35
0.25
0.8 MAX
(0.1) TYP
0.05
0.00
26X 0.4
2X
3.6
3.2 0.05
2X 1.6
4X (0.2)
A
2.6
2.4
B
4.6
4.4
(0.2)
WQFN - 0.8 mm max height
RNH0030A
PLASTIC QUAD FLATPACK - NO LEAD
4221819/B 10/2017
PIN 1 INDEX AREA
0.08
SEATING PLANE
SEE DETAIL A
1
10
16
25
11
15
30
26
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
0.08
SCALE 3.300
30.000
DETAIL A
OPTIONAL SIDE WALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com