Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 3 Page - Texas Instruments

Part # HD3SS3220RNHT
Description  HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 3 Page - Texas Instruments

  HD3SS3220RNHT Datasheet HTML 1Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 2Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 3Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 4Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 5Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 6Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 7Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 8Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
4 Pin Configuration and Functions
CC1
CC2
CURRENT_MODE
PORT
VBUS_DET
RXp
RXn
TXp
TXn
VCC33
TX1p
TX1n
RX2p
RX2n
TX2p
TX2n
SDA/OUT1
VCONN_FAULT_N
INT_N/OUT3
ADDR
30
11
29
12
28
13
27
14
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
21
22
23
24
25
26
15
Thermal
Pad
Figure 4-1. RNH Package 30 Pin (VQFN) Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CC2
1
I/O
Type-C Configuration channel signal 2
CC1
2
I/O
Type-C Configuration channel signal 1
CURRENT_MODE
3
I
Tri-level input pin to indicate current advertisement in DFP (or DFP in DRP) mode while in GPIO
mode. Don’t care in UFP mode. Provides the flexibility to advertise higher current without I2C. The
pin has 250K internal pull-down.
L – Low - Default – 900mA
M - Medium (Install 500K to VDD5 on the PCB) – 1.5A
H - High (Install 10K to VDD5 on the PCB) – 3A
PORT
4
I
Tri-level input pin to indicate port mode. The state of this pin is sampled when HD3SS3220’s
ENn_CC is asserted low, and VDD5 is active. This pin is also sampled following a
I2C_SOFT_RESET.
H - DFP (Pull-up to VDD5 if DFP mode is desired)
NC - DRP (Leave unconnected if DRP mode is desired)
L - UFP (Pull-down or tie to GND if UFP mode is desired)
VBUS_DET
5
I
5-28V VBUS input voltage. VBUS detection determines UFP attachment. One 900K external
resistor required between system VBUS and VBUS_DET pin.
TXp
6
I/O
Host/Device USB SuperSpeed differential Signal TX positive
TXn
7
I/O
Host/Device USB SuperSpeed differential Signal TX negative
VCC33
8
P
3.3-V Power supply
RXp
9
I/O
Host/Device USB SuperSpeed differential Signal RX positive
RXn
10
I/O
Host/Device USB SuperSpeed differential Signal RX negative
DIR
11
O
Type-C plug orientation. Open drain output.
A pull-up resistor (that is, 200K) must be installed for proper operation of the device.
ENn_MUX
12
I
Active Low MUX Enable:
L - Normal operation, and
H - Shutdown.
GND
13, 28
G
Ground
RX1n
14
I/O
Type-C Port - USB SuperSpeed differential Signal RX1 negative
RX1p
15
I/O
Type-C Port - USB SuperSpeed differential Signal RX1 positive
TX1n
16
I/O
Type-C Port - USB SuperSpeed differential Signal TX1 negative
www.ti.com
HD3SS3220, HD3SS3220L
SLLSES1E – DECEMBER 2015 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: HD3SS3220 HD3SS3220L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com