Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 12 Page - Texas Instruments

Part # HD3SS3220RNHT
Description  HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 12 Page - Texas Instruments

Back Button HD3SS3220RNHT Datasheet HTML 8Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 9Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 10Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 11Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 12Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 13Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 14Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 15Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Legacy Host Adapter
VBUS
Rp (56 kŸ ±5%)
CC
HD3SS3220
CC
Rd (5.1 kŸ ± 10%)
900 NŸ ±1%
VBUS_DET
To System VBUS Detection
Copyright © 2016, Texas Instruments Incorporated
Figure 6-1. Legacy Adapter Implementation Circuit
6.1.1.4 Direct Connect Device
HD3SS3220 supports the attaching and detaching of a direct connect device such as cradle dock.
6.1.1.5 Audio Adapters
Additionally, HD3SS3220 supports audio adapters for audio accessory mode, including:
• Passive Audio Adapte
• Charge Through Audio Adapter
HD3SS3220, HD3SS3220L
SLLSES1E – DECEMBER 2015 – REVISED JULY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: HD3SS3220 HD3SS3220L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com