Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 5 Page - Texas Instruments

Part # HD3SS3220RNHT
Description  HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 5 Page - Texas Instruments

  HD3SS3220RNHT Datasheet HTML 1Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 2Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 3Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 4Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 5Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 6Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 7Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 8Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
5V Supply Voltage
VDD5
–0.3
6
V
3.3V Supply Voltage
VCC33
–0.3
4
V
Control Pins
ADDR, PORT, ID, INT_N/OUT3, ENn_CC,
SDA/OUT1, SCL/OUT2
–0.3
VDD5 +0.3
V
CC1, CC2
–0.3
6
V
ENn_MUX, DIR
–0.3
VCC33 +0.3
V
VBUS_DET
–0.3
4
V
Super-speed Differential Signal Pins
[RX/TX] [p/n], [RX/TX][2/1][p/n]
–0.3
2.5
V
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process..
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD5
5V Supply Voltage range
4.5(1)
5.5
V
VCC33
3.3V Supply Voltage range
3
3.6
V
VDD
Supply range for I2C (SDA, SCL) pins
1.65
3.6
V
VDD5(ramp)
VDD5 supply ramp time
25
ms
V(diff)
High speed signal pins differential voltage
0
1.8
VPP
V(cm)
High speed signal pins common mode voltage
0
2
V
TA
Operating free-air/ambient temperature (HD3SS3220)
0
70
°C
TA
Operating free-air/ambient temperature (HD3SS3220I)
–40
85
°C
V(BUS)
System V(BUS) input voltage through 900K resistor
4
5
28
V
C(BULK)
Bulk capacitance on VCONN. Only when VCONN is on.
Disconnected when VCONN is off. Shall be placed on VDD5.
10
200
µF
R(p_ODext)
External Pull up resistor on Open Drain IOs (OUT1, OUT2, INT/
OUT3, ID, VCONN_FAULT_N, and DIR pins)
200
KΩ
R(p_TLext)
Tri-level input external pull-up resistor (PORT and ADDR pins)
4.7
KΩ
R(p_15A)
External pull up resistor to advertise 1.5A (CURRENT_MODE pin)
500
KΩ
R(p_3A)
External pull up resistor to advertise 3A (CURRENT_MODE pin)
10
KΩ
R(p_i2c_ext)
External Pull up resistance on I2C bus
(Could be 4.7K or higher. Nominal value listed)
2.2
KΩ
www.ti.com
HD3SS3220, HD3SS3220L
SLLSES1E – DECEMBER 2015 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: HD3SS3220 HD3SS3220L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com