| Electronic Components Datasheet Search |
|
HD3SS3220RNHT Datasheet(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
HD3SS3220RNHT Datasheet(HTML) 41 Page - Texas Instruments |
|
41 / 48 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Jul-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) HD3SS3220IRNHR Active Production WQFN (RNH) | 30 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 HD3220 HD3SS3220IRNHR.A Active Production WQFN (RNH) | 30 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 HD3220 HD3SS3220IRNHR.B Active Production WQFN (RNH) | 30 3000 | LARGE T&R - Call TI Call TI -40 to 85 HD3SS3220IRNHT Active Production WQFN (RNH) | 30 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 HD3220 HD3SS3220IRNHT.A Active Production WQFN (RNH) | 30 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 HD3220 HD3SS3220IRNHT.B Active Production WQFN (RNH) | 30 250 | SMALL T&R - Call TI Call TI -40 to 85 HD3SS3220IRNHTG4 Active Production WQFN (RNH) | 30 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 HD3220 HD3SS3220IRNHTG4.A Active Production WQFN (RNH) | 30 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 HD3220 HD3SS3220IRNHTG4.B Active Production WQFN (RNH) | 30 250 | SMALL T&R - Call TI Call TI -40 to 85 HD3SS3220LRNHR Active Production WQFN (RNH) | 30 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 HD322L HD3SS3220RNHR Active Production WQFN (RNH) | 30 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 HD3220 HD3SS3220RNHR.A Active Production WQFN (RNH) | 30 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 HD3220 HD3SS3220RNHR.B Active Production WQFN (RNH) | 30 3000 | LARGE T&R - Call TI Call TI 0 to 70 HD3SS3220RNHT Active Production WQFN (RNH) | 30 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 HD3220 HD3SS3220RNHT.A Active Production WQFN (RNH) | 30 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 HD3220 HD3SS3220RNHT.B Active Production WQFN (RNH) | 30 250 | SMALL T&R - Call TI Call TI 0 to 70 HD3SS3220RNHTG4 Active Production WQFN (RNH) | 30 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 HD3220 HD3SS3220RNHTG4.A Active Production WQFN (RNH) | 30 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 HD3220 HD3SS3220RNHTG4.B Active Production WQFN (RNH) | 30 250 | SMALL T&R - Call TI Call TI -40 to 85 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |