Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 6 Page - Texas Instruments

Part # HD3SS3220RNHT
Description  HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS3220RNHT Datasheet HTML 2Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 3Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 4Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 5Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 6Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 7Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 8Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 9Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
R(VBUS)
External resistor on VBUS_DET pin
880
900
910
KΩ
(1)
With 200mA VCONN current for VCONN ≥ 4.75V at connector, VDD5 ≥ 5V is recommended
5.4 Thermal Information
THERMAL METRIC(1)
HD3SS3220
UNIT
RNH (VQFN)
30 PINS
RθJA
Junction-to-ambient thermal resistance
60.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50.4
°C/W
RθJB
Junction-to-board thermal resistance
22.8
°C/W
ψJT
Junction-to-top characterization parameter
1.7
°C/W
ψJB
Junction-to-board characterization parameter
22.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
12.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Consumption
I(ACTIVE)
Current consumption in active mode- both CC
controller and SS mux on
ENn_CC/Mux = L
0.7
0.9
mA
ICC
Current consumption in active mode – CC
controller on and SS mux off
ENn_CC = L, ENn_Mux = H
0.2
mA
I(SHUTDOWN)
Current consumption in shutdown mode
ENn_CC/Mux = H
5
µA
CC PINS
R(CC_DB)
Pulldown resistor when in dead-battery mode.
4.1
5.1
6.1
kΩ
R(CC_D)
Pulldown resistor when in UFP or DRP mode.
4.6
5.1
5.6
kΩ
V(UFP_CC_USB)
Voltage level for detecting a DFP attach when
configured as a UFP and DFP is advertising
default current source capability.
0.25
0.61
V
V(UFP_CC_MED)
Voltage level for detecting a DFP attach when
configured as a UFP and DFP is advertising
medium (1.5A) current source capability.
0.7
1.16
V
V(UFP_CC_HIGH)
Voltage level for detecting a DFP attach when
configured as a UFP and DFP is advertising
high (3A) current source capability.
1.31
2.04
V
V(DFP_CC_USB)
Voltage level for detecting a UFP attach when
configured as a DFP and advertising default
current source capability.
1.51
1.6
1.64
V
V(DFP_CC_MED)
Voltage level for detecting a UFP attach when
configured as a DFP and advertising 1.5A
current source capability.
1.51
1.6
1.64
V
V(DFP_CC_HIGH)
Voltage level for detecting a UFP attach when
configured as a DFP and advertising 3A
current source capability.
2.46
2.6
2.74
V
V(AC_CC_USB)
Voltage level for detecting an active cable
attach when configured as a DFP and
advertising default current source capability.
0.15
0.2
0.25
V
V(AC_CC_MED)
Voltage level for detecting an active cable
attach when configured as a DFP and
advertising 1.5A current source capability.
0.35
0.4
0.45
V
HD3SS3220, HD3SS3220L
SLLSES1E – DECEMBER 2015 – REVISED JULY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: HD3SS3220 HD3SS3220L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com